Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 62Page - Renesas Technology Corp M16C/29 Datasheet HTML 63Page - Renesas Technology Corp M16C/29 Datasheet HTML 64Page - Renesas Technology Corp M16C/29 Datasheet HTML 65Page - Renesas Technology Corp M16C/29 Datasheet HTML 66Page - Renesas Technology Corp M16C/29 Datasheet HTML 67Page - Renesas Technology Corp M16C/29 Datasheet HTML 68Page - Renesas Technology Corp M16C/29 Datasheet HTML 69Page - Renesas Technology Corp M16C/29 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 42
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 5.8 Low Voltage Detection Interrupt Generation Block
Figure 5.9 Low voltage Detection Interrupt Generation Circuit Operation Example
Low voltage detection interrupt generation circuit
Watchdog
timer interrupt
signal
D42 bit is set to 0 (not detected) by
writing a 0 in a program. VC27 bit is
set to 0 (low voltage detection circuit
disabled), the D42 bit is set to 0.
VC27
VC13
Low voltage detection circuit
D4INT clock(the
clock with which it
operates also in
wait mode)
D42
DF1, DF0
1/2
002
012
102
112
1/2
1/2
1/8
Non-maskable
interrupt signal
Oscillation stop,
re-oscillation
detection
interrupt signal
Low voltage
detection
interrupt signal
Watchdog timer block
This bit is set to 0 (not detected) by writing a 0 by program.
Watchdog timer
underflow signal
D43
D41
CM02
WAIT instruction (wait mode)
D40
VCC
Vref
+
-
Noise
rejection
(Rejection wide:200 ns)
Low voltage detection
signal
“H” when VC27 bit = 0
(disabled)
Noise rejection
circuit
Digital
filter
CM10
Output of the digital filter (2)
D42 bit
Low voltage detection
interrupt signal
No low voltage detection interrupt signals are
generated when the D42 bit is 1.
sampling
Set to 0 by
program (not
detected)
VC13 bit
VCC
sampling
samplingsampling
Set to 0 by a
program (not
detected)
NOTES:
1. D40 bit in the D4INT register is set to 1 (low voltage detection interrupt enabled).
2. Output of the digital filter shown in Figure 5.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com