Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 59Page - Renesas Technology Corp M16C/29 Datasheet HTML 60Page - Renesas Technology Corp M16C/29 Datasheet HTML 61Page - Renesas Technology Corp M16C/29 Datasheet HTML 62Page - Renesas Technology Corp M16C/29 Datasheet HTML 63Page - Renesas Technology Corp M16C/29 Datasheet HTML 64Page - Renesas Technology Corp M16C/29 Datasheet HTML 65Page - Renesas Technology Corp M16C/29 Datasheet HTML 66Page - Renesas Technology Corp M16C/29 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 39
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 5.5 VCR1 Register and VCR2 Register
VC13
Voltage Detection Register 1
SymbolAddressAfter Reset (2)
VCR1001916
000010002
Low voltage monitor flag (1)
Bit Symbol
RW
b7b6b5b4b3b2b1b0
NOTES:
1. The VC13 bit is useful when the VC27 bit of VCR2 register is set to 1 (low voltage detection circuit enable).
The VC13 bit is always 1 (VCC≥ Vdet4) when the VC27 bit in the VCR2 register is set to 0 (low voltage
detection circuit disable).
2. This register does not change at software reset, watchdog timer reset and oscillation stop detection reset.
0:VCC < Vdet4
1:VCC ≥ Vdet4
RO
0000
000
RW
RW
Reserved bit
Reserved bit
Set to 0
Set to 0
Voltage Detection Register 2 (1)
SymbolAddressAfter Reset (5)
VCR2001A16
0016
Bit Name
Bit Symbol
b7b6b5b4b3b2b1b0
NOTES:
1. Write to this register after setting the PRC3 bit in the PRCR register to 1 (write enable).
2. Set the VC26 bit to 1 to use brown-out reset.
3. VC26 bit is disabled in stop mode. (The MCU is not reset even if the voltage input to Vcc pin becomes
lower than Vdet3.)
4. When the VC13 bit in the VCR1 register and D42 bit in the D4INT register are used or the D40 bit is set
to 1 (low voltage detection interrupt enable), set the VC27 bit to 1.
5. This register does not change at software reset, watchdog timer reset and oscillation stop detection
reset.
6. The detection circuit does not start operation until td(E-A) elapses after the VC26 bit or VC27 bit is set
to 1.
VC26
VC27
RW
RW
RW
RW
00000
Function
Reserved bitSet to 0
Reset level monitor bit
(2, 3, 6)
0: Disable reset level detection
circuit
1: Enable reset level detection
circuit
Low voltage monitor
bit (4, 6)
0: Disable low voltage
detection circuit
1: Enable low voltage
detection circuit
(b2-b0)
(b7-b4)
(b5-b0)
0
Function
Bit Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com