Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 54Page - Renesas Technology Corp M16C/29 Datasheet HTML 55Page - Renesas Technology Corp M16C/29 Datasheet HTML 56Page - Renesas Technology Corp M16C/29 Datasheet HTML 57Page - Renesas Technology Corp M16C/29 Datasheet HTML 58Page - Renesas Technology Corp M16C/29 Datasheet HTML 59Page - Renesas Technology Corp M16C/29 Datasheet HTML 60Page - Renesas Technology Corp M16C/29 Datasheet HTML 61Page - Renesas Technology Corp M16C/29 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 499 page
background image
4. Special Function Registers (SFRs)
p
u
o
r
G
9
2
/
C
6
1
M
page 34
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Address
Register
Symbol
After reset
03C016
A/D register 0
AD0
XX16
03C116
XX16
03C216
A/D register 1
AD1
XX16
03C316
XX16
03C416
A/D register 2
AD2
XX16
03C516
XX16
03C616
A/D register 3
AD3
XX16
03C716
XX16
03C816
A/D register 4
AD4
XX16
03C916
XX16
03CA16
A/D register 5
AD5
XX16
03CB16
XX16
03CC16
A/D register 6
AD6
XX16
03CD16
XX16
03CE16
A/D register 7
AD7
XX16
03CF16
XX16
03D016
03D116
03D216
A/D trigger control register
ADTRGCON
XXXX00002
03D316
A/D status register 0
ADSTAT0
00000X002
03D416
A/D control register 2
ADCON2
0016
03D516
03D616
A/D control register 0
ADCON0
00000XXX2
03D716
A/D control register 1
ADCON1
0016
03D816
03D916
03DA16
03DB16
03DC16
03DD16
03DE16
03DF16
03E016
Port P0 register
P0
XX16
03E116
Port P1 register
P1
XX16
03E216
Port P0 direction register
PD0
0016
03E316
Port P1 direction register
PD1
0016
03E416
Port P2 register
P2
XX16
03E516
Port P3 register
P3
XX16
03E616
Port P2 direction register
PD2
0016
03E716
Port P3 direction register
PD3
0016
03E816
03E916
03EA16
03EB16
03EC16
Port P6 register
P6
XX16
03ED16
Port P7 register
P7
XX16
03EE16
Port P6 direction register
PD6
0016
03EF16
Port P7 direction register
PD7
0016
03F016
Port P8 register
P8
XX16
03F116
Port P9 register
P9
XX16
03F216
Port P8 direction register
PD8
0016
03F316
Port P9 direction register
PD9
000X00002
03F416
Port P10 register
P10
XX16
03F516
03F616
Port P10 direction register
PD10
0016
03F716
03F816
03F916
03FA16
03FB16
03FC16
Pull-up control register 0
PUR0
0016
03FD16
Pull-up control register 1
PUR1
0016
03FE16
Pull-up control register 2
PUR2
0016
03FF16
Port control register
PCR
0016
Note 1: The blank areas are reserved and cannot be used by users.
X : Undefined
Table 4.11 SFR Information (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com