Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 76Page - Renesas Technology Corp M16C/29 Datasheet HTML 77Page - Renesas Technology Corp M16C/29 Datasheet HTML 78Page - Renesas Technology Corp M16C/29 Datasheet HTML 79Page - Renesas Technology Corp M16C/29 Datasheet HTML 80Page - Renesas Technology Corp M16C/29 Datasheet HTML 81Page - Renesas Technology Corp M16C/29 Datasheet HTML 82Page - Renesas Technology Corp M16C/29 Datasheet HTML 83Page - Renesas Technology Corp M16C/29 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 499 page
background image
7. Clock Generation Circuit
page 56
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
7.3 On-chip Oscillator Clock
This clock is supplied by a variable on-chip oscillator. This clock is used as the clock source for the CPU
and peripheral function clocks. In addition, if the PM22 bit in the PM2 register is 1 (on-chip oscillator clock
for the watchdog timer count source), this clock is used as the count source for the watchdog timer (Refer
to 10. Watchdog Timer • Count source protective mode”).
After reset, the on-chip oscillator clock divided by 16 is used for the CPU clock. It can also be turned on by
setting the CM21 bit in the CM2 register to 1 (on-chip oscillator clock), and is used as the clock source for
the CPU and peripheral function clocks. If the main clock stops oscillating when the CM20 bit in the CM2
register is 1 (oscillation stop, re-oscillation detection function enabled) and the CM27 bit is 1 (oscillation
stop, re-oscillation detection interrupt), the on-chip oscillator automatically starts operating, supplying the
necessary clock for the MCU.
7.4 PLL Clock
The PLL clock is generated from the main clock by a PLL frequency synthesizer. This clock is used as the
clock source for the CPU and peripheral function clocks. After reset, the PLL clock is turned off. The PLL
frequency synthesizer is activated by setting the PLC07 bit to 1 (PLL operation). When the PLL clock is
used as the clock source for the CPU clock, wait tsu(PLL) for the PLL clock to be stable, and then set the
CM11 bit in the CM1 register to 1.
Before entering wait mode or stop mode, be sure to set the CM11 bit to 0 (CPU clock source is the main
clock). Furthermore, before entering stop mode, be sure to set the PLC07 bit in the PLC0 register to 0 (PLL
stops). Figure 7.10 shows the procedure for using the PLL clock as the clock source for the CPU.
The PLL clock frequency is determined by the equation below.
PLL clock frequency=f(XIN) X (multiplying factor set by bits PLC02 to PLC00 in the PLC0 register
(However, 10 MHz ≤ PLL clock frequency ≤ 20 MHz)
Bits PLC02 to PLC00 can be set only once after reset. Table 7.2 shows the example for setting PLL clock
frequencies.
Table 7.2 Example for Setting PLL Clock Frequencies
XIN
(MHz)
PLC02
PLC01
PLC00
Multiplying factor
PLL clock
(MHz)(1)
10
0
0
1
2
20
50
1
0
4
NOTE:
1. 10MHz ≤ PLL clock frequency ≤ 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com