Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 22Page - Renesas Technology Corp M16C/29 Datasheet HTML 23Page - Renesas Technology Corp M16C/29 Datasheet HTML 24Page - Renesas Technology Corp M16C/29 Datasheet HTML 25Page - Renesas Technology Corp M16C/29 Datasheet HTML 26Page - Renesas Technology Corp M16C/29 Datasheet HTML 27Page - Renesas Technology Corp M16C/29 Datasheet HTML 28Page - Renesas Technology Corp M16C/29 Datasheet HTML 29Page - Renesas Technology Corp M16C/29 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 499 page
background image
1. Overview
page 2
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Performance
CPU
Number of basic instructions
91 instructions
Shortest instruction
50 ns (f(BCLK) = 20MHZ, VCC = 3.0 to 5.5 V)
(Normal-ver./T-ver.)
excution time
100 ns(f(BCLK) = 10MHZ, VCC = 2.7 to 5.5 V)
(Normal-ver.)
50 ns (f(BCLK) = 20MHZ, VCC = 4.2 to 5.5 V, -40 to 105°C)
(V-ver.)
62.5 ns (f(BCLK) = 16MHZ, VCC = 4.2 to 5.5 V, -40 to 125°C) (V-ver.)
Operation mode
Single chip mode
Address space
1 Mbyte
Memory capacity
ROM/RAM: See Tables 1.3 to 1.5
Peripheral Port
Input/Output: 71 lines
Function Multifunction timer
TimerA:16 bits x 5 channels, TimerB:16 bits x 3 channels
Three-phase Motor Control Timer
TimerS (Input Capture/Output Compare):
16 bit base timer x 1 channel (Input/Output x 8 channels)
Serial I/O
2 channels (UART, clock synchronous serial I/O)
1 channel (UART, clock synchronous serial I/O, I2C bus, or IEbus(1))
2 channels (Clock synchronous serial I/O)
1 channel (Multi- master I2C bus)
A/D converter
10 bits x 27 channels
DMAC
2 channels
CRC calculation circuit
2 polynomial (CRC-CCITT and CRC-16) with MSB/LSB selectable
CAN module
1 channel, supporting CAN 2.0B specification
Watchdog timer
15 bits x 1 channel (with prescaler)
Interrupt
29 internal and 8 external sources, 4 software sources,
interrupt priority level: 7
Clock generation circuit
4 circuits
• Main clock
• Sub-clock
• On-chip oscillator(main-clock oscillation stop detect function)
• PLL frequency synthesizer
Oscillation stop detect Function Main clock oscillation stop, re-oscillation detect function
Voltage detection circuit
Available (Normal-ver.) / Not available (T-ver., V-ver.)
Electrical Power supply voltage
VCC = 3.0 to 5.5 V (f(BCLK) = 20 MHz) (Normal-ver.)
Charact-
VCC = 2.7 to 5.5 V (f(BCLK) = 10 MHz)
eristics
VCC = 3.0 to 5.5 V (T-ver.)
VCC = 4.2 to 5.5 V (V-ver.)
Power consumption
18 mA (VCC = 5 V, f(BCLK) = 20 MHz)
25 µA (f(XCIN) = 32 kHz on RAM)
3 µA (VCC = 5 V, f(XCIN) = 32 kHz, in wait mode)
0.8 µA (VCC = 5 V, in stop mode)
Flash
Program/erase supply voltage
2.7 to 5.5 V (Normal-ver.), 3.0 to 5.5V (T-ver.), 4.2 to 5.5 V (V-ver.)
memory Program and erase endurance
100 times (all space) or 1,000 times (blocks 0 to 5)/
10,000 times (blocks A and B(2))
Operating ambient temperature
-20 to 85°C/-40 to 85°C(2) (Normal-ver.)
-40 to 85°C (T-ver.), -40 to 125°C (V-ver.)
Package
80-pin plastic mold LQFP
Table 1.1 Performance Overview of M16C/29 Group (T-ver./V-ver.) (80-Pin Package)
1.1.2 Specifications
Table 1.1 lists performance overview of M16C/29 Group 80-pin package.
Table 1.2 lists performance overview of M16C/29 Group 64-pin package.



(These circuits contain a built-in feedback
resistor)
NOTES:
1. IEBus is a trademark of NEC Electronics Corporation.
2. Refer to Table 1.6 to Table 1.8 Product code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com