Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 70Page - Renesas Technology Corp M16C/29 Datasheet HTML 71Page - Renesas Technology Corp M16C/29 Datasheet HTML 72Page - Renesas Technology Corp M16C/29 Datasheet HTML 73Page - Renesas Technology Corp M16C/29 Datasheet HTML 74Page - Renesas Technology Corp M16C/29 Datasheet HTML 75Page - Renesas Technology Corp M16C/29 Datasheet HTML 76Page - Renesas Technology Corp M16C/29 Datasheet HTML 77Page - Renesas Technology Corp M16C/29 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 499 page
background image
7. Clock Generation Circuit
page 50
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
Figure 7.3 CM1 Register
Figure 7.4 ROCR Register
b7 b6 b5 b4 b3
b2 b1 b0
RW
ROCR0
ROCR1
On-chip Oscillator Control Register (1)
Symbol
Address
After Reset
ROCR
025C16
X00001012
Bit Name
Function
Bit Symbol
Frequency select bits
RW
RW
Reserved bit
00
0
0 0: f1 (ROC)
0 1: f2 (ROC)
1 0: Do not set to this value
1 1: f3 (ROC)
b1 b0
ROCR2
ROCR3
Divider select bits
RW
RW
0 0: Do not set to this value
0 1: divide by 2
1 0: divide by 4
1 1: divide by 8
b3 b2
NOTE:
1. Write to this register after setting the PRC0 bit in the PRCR register to 1 (write enable).
(b6-b4)
Set to 0
Nothing is assigned. When write, set to 0. When read, its
content is undefined
(b7)
RW
System Clock Control Register 1 (1)
Symbol
Address
After Reset
CM1
000716
001000002
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
CM10
All clock stop control bit
(4, 6)
0 : Clock on
1 : All clocks off (stop mode)
CM15
XIN-XOUT drive capacity
select bit (2)
0 : LOW
1 : HIGH
RW
CM16
CM17
Reserved bit
Set to
0
Main clock division
select bits (3)
0 0 : No division mode
0 1 : Division by 2 mode
1 0 : Division by 4 mode
1 1 : Division by 16 mode
b7 b6
0
00
CM11
System clock select bit 1
(6, 7)
0 : Main clock
1 : PLL clock (5)
RW
RW
RW
RW
RW
RW
(b4-b2)
NOTES:
1. Write to this register after setting the PRC0 bit in the PRCR register to 1 (write enable).
2. When entering stop mode from high or middle speed mode, or when the CM05 bit is set to 1 (main clock
turned off) in low speed mode, the CM15 bit is set to 1 (drive capability high).
3. Effective when the CM06 bit is 0 (bits CM16 and CM17 enable).
4. If the CM10 bit is 1 (stop mode), XOUT goes “H” and the internal feedback resistor is disconnected. The XCIN
and XCOUT pins are placed in the high-impedance state. When the CM11 bit is set to 1 (PLL clock), or the
CM20 bit in the CM2 register is set to 1 (oscillation stop, re-oscillation detection function enabled), do not set
the CM10 bit to 1.
5. After setting the PLC07 bit in the PLC0 register to 1 (PLL operation), wait until tsu (PLL) elapses before setting
the CM11 bit to 1 (PLL clock).
6. When the PM21 bit in the PM2 register is set to 1 (clock modification disable), writing to bits CM10, CM11 has
no effect. When the PM22 bit in the PM2 register is set to 1 (watchdog timer count source is on-chip oscillator
clock), writing to the CM10 bit has no effect.
7. Effective when CM07 bit is 0 and CM21 bit is 0 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com