Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 69Page - Renesas Technology Corp M16C/29 Datasheet HTML 70Page - Renesas Technology Corp M16C/29 Datasheet HTML 71Page - Renesas Technology Corp M16C/29 Datasheet HTML 72Page - Renesas Technology Corp M16C/29 Datasheet HTML 73Page - Renesas Technology Corp M16C/29 Datasheet HTML 74Page - Renesas Technology Corp M16C/29 Datasheet HTML 75Page - Renesas Technology Corp M16C/29 Datasheet HTML 76Page - Renesas Technology Corp M16C/29 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 499 page
background image
7. Clock Generation Circuit
page 49
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
Figure 7.2 CM0 Register
System Clock Control Register 0 (1)
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
CM07
CM05
CM04
CM03
CM02
CM06
Wait Mode peripheral function
clock stop bit (10)
0: Do not stop peripheral function clock in wait mode
1: Stop peripheral function clock in wait mode (8)
XCIN-XCOUT drive capacity
select bit (2)
0: LOW
1: HIGH
0: I/O port P8 6, P87
1: XCIN-XCOUT generation function(9)
Main clock stop bit
(3, 10, 12, 13)
0: On (4)
1: Off (5)
Main clock division select
bit 0 (7, 13, 14)
0: CM16 and CM17 valid
1: Division by 8 mode
System clock select bit
(6, 10, 11, 12)
0: Main clock, PLL clock, or on-chip oscillator clock
1: Sub-clock
RW
Port XC select bit (2)
RW
RW
RW
RW
RW
RW
RW
Clock output function
select bit
See Table 7.3
CM00
CM01
RW
NOTES:
1. Write to this register after setting the PRC0 bit in the PRCR register to 1 (write enable).
2. The CM03 bit is set to 1 (high) when the CM04 bit is set to 0 (I/O port) or the MCU goes to a stop mode.
3. This bit is provided to stop the main clock when the low power dissipation mode or on-chip oscillator low power dissipation mode
is selected. This bit cannot be used for detection as to whether the main clock stopped or not. To stop the main clock, the
following setting is required:
(1) Set the CM07 bit to 1 (Sub-clock select) or the CM21 bit in the CM2 register to 1 (on-chip oscillator select) with the sub-
clock stably oscillating.
(2) Set the CM20 bit in the CM2 register to 0 (Oscillation stop, re-oscillation detection function disabled).
(3) Set the CM05 bit to 1 (Stop).
4. During external clock input, set the CM05 bit to 0 (On).
5. When CM05 bit is set to 1, the XOUT pin goes "H". Futhermore, because the internal feedback resistor remains connectes,
the XIN pin is pulled "H" to the same level as XOUT via the feedback resistor.
6. After setting the CM04 bit to 1 (XCIN-XCOUT oscillator function), wait until the sub-clock oscillates stably before switching
the CM07 bit from 0 to 1 (sub-clock).
7. When entering stop mode from high or middle speed mode, on-chip oscillator mode or on-chip oscillator low power mode, the
CM06 bit is set to 1 (divided-by-8 mode).
8. The fC32 clock does not stop. During low speed or low power dissipation mode, do not set this bit to 1(peripheral clock turned
off in wait mode).
9. To use a sub-clock, set this bit to 1. Also, make sure ports P86 and P87 are directed for input, with no pull-ups.
10. When the PM21 bit in the PM2 register is set to 1 (clock modification disable), writing to bits CM02, CM05, and CM07 has
no effect.
11. If the PM21 bit needs to be set to 1, set the CM07 bit to 0 (main clock) before setting it.
12. To use the main clock a the clock source for the CPU clock, follow the procedure below.
(1) Set the CM05 bit to 0 (oscillate).
(2) Wait the main clock oscillation stabilized.
(3) Set all bits CM11, CM21, and CM07 to 0.
13. When the CM21 bit is set to 0 (on-chip oscillaor turned off) and the CM05 bit is set to 1 (main clock turned off), the CM06 bit
is fixed to 1 (divide-by-8 mode) and the CM15 bit is fixed to 1 (drive capability High).
14. To return from on-chip oscillator mode to high-speed or middle-speed mode set both bits CM06 and CM15 to 1.
Symbol
Address
After Reset
CM0
010010002
000616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com