Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 87Page - Renesas Technology Corp M16C/29 Datasheet HTML 88Page - Renesas Technology Corp M16C/29 Datasheet HTML 89Page - Renesas Technology Corp M16C/29 Datasheet HTML 90Page - Renesas Technology Corp M16C/29 Datasheet HTML 91Page - Renesas Technology Corp M16C/29 Datasheet HTML 92Page - Renesas Technology Corp M16C/29 Datasheet HTML 93Page - Renesas Technology Corp M16C/29 Datasheet HTML 94Page - Renesas Technology Corp M16C/29 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 499 page
background image
7. Clock Generation Circuit
page 67
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
7.8.1 Operation When CM27 bit = 0 (Oscillation Stop Detection Reset)
When main clock stop is detected when the CM20 bit is 1 (oscillation stop, re-oscillation detection func-
tion enabled), the MCU is initialized, coming to a halt (oscillation stop reset; refer to “SFR”, “Reset”).
This status is reset with hardware reset 1. Also, even when re-oscillation is detected, the MCU can be
initialized and stopped; it is, however, necessary to avoid such usage. (During main clock stop, do not set
the CM20 bit to 1 and the CM27 bit to 0.)
7.8.2 Operation When CM27 bit = 1 (Oscillation Stop and Re-oscillation Detect Interrupt)
When the main clock corresponds to the CPU clock source and the CM20 bit is 1 (oscillation stop and re-
oscillation detect function enabled), the system is placed in the following state if the main clock comes to
a halt:
• Oscillation stop and re-oscillation detect interrupt request occurs.
• The on-chip oscillator starts oscillation, and the on-chip oscillator clock becomes the CPU clock and
clock
source for peripheral functions in place of the main clock.
• CM21 bit = 1 (on-chip oscillator clock for CPU clock source)
• CM22 bit = 1 (main clock stop detected)
• CM23 bit = 1 (main clock stopped)
When the PLL clock corresponds to the CPU clock source and the CM20 bit is 1, the system is placed in
the following state if the main clock comes to a halt: Since the CM21 bit remains unchanged, set it to 1
(on-chip oscillator clock) inside the interrupt routine.
• Oscillation stop and re-oscillation detect interrupt request occurs.
• CM22 bit = 1 (main clock stop detected)
• CM23 bit = 1 (main clock stopped)
• CM21 bit remains unchanged
When the CM20 bit is 1, the system is placed in the following state if the main clock re-oscillates from the
stop condition:
• Oscillation stop and re-oscillation detect interrupt request occurs.
• CM22 bit = 1 (main clock re-oscillation detected)
• CM23 bit = 0 (main clock oscillation)
• CM21 bit remains unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com