Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 89Page - Renesas Technology Corp M16C/29 Datasheet HTML 90Page - Renesas Technology Corp M16C/29 Datasheet HTML 91Page - Renesas Technology Corp M16C/29 Datasheet HTML 92Page - Renesas Technology Corp M16C/29 Datasheet HTML 93Page - Renesas Technology Corp M16C/29 Datasheet HTML 94Page - Renesas Technology Corp M16C/29 Datasheet HTML 95Page - Renesas Technology Corp M16C/29 Datasheet HTML 96Page - Renesas Technology Corp M16C/29 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 499 page
background image
8. Protection
p
u
o
r
G
9
2
/
C
6
1
M
page 69
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
8. Protection
In the event that a program runs out of control, this function protects the important registers so that they will
not be rewritten easily. Figure 8.1 shows the PRCR register. The following lists the registers protected by
the PRCR register.
• Registers protected by the PRC0 bit: CM0, CM1, CM2, PLC0, ROCR, PCLKR, and CCLKR
• Registers protected by the PRC1 bit: PM0, PM1, PM2, TB2SC, INVC0, and INVC1
• Registers protected by the PRC2 bit: PD9 , PACR, S4C, and NDDR
• Registers protected by the PRC3 bit: VCR2 and D4INT
The PRC2 bit is set to 0 (write enabled) when data is written to the SFR area after setting the PRC2 bit to 1
(write enable). Set registers PD9, PACR, S4C and NDDR immediately after setting the PRC2 bit in the
PRCR register to 1 (write enable). Do not generate an interrupt or a DMA transfer between the instruction
to set the PRC2 bit to 1 and the following instruction. Bits PRC3, PRC1, and PRC0 are not set to 0 even if
data is written to the SFR area. Set bits PRC3, PRC1, and PRC0 to 0 by program.
Protect Register
Symbol
Address
After Reset
PRCR
000A16
XX0000002
Bit Name
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
PRC1
PRC0
PRC2
Function
RW
0
RW
RW
RW
Nothing is assigned. If necessary, set to 0.
When read, its content is undefined
Reserved bit
Set to 0
RW
Protect bit 0
Protect bit 1
Protect bit 2
PRC3
RW
Protect bit 3
Enable write to registers VCR2 and
D4INT
(b5-b4)
(b7-b6)
0
NOTE:
1. The PRC2 bit is set to 0 when writing into the SFR area after the PRC2 bit is set to 1. Bits
PRC0, PRC1, and PRC3 are not automatically set to 0. Set them to 0 by program.
Enable write to register CM0, CM1,
CM2, ROCR, PLC0, PCLKR, and
CCLKR
Enable write to registers PM0, PM1,
PM2, TB2SC, INVC0, and INVC1
0: Write protected
1: Write enabled
0: Write protected
1: Write enabled
Enable write to registers PD9,
PACR, S4C, and NDDR
0: Write protected
1: Write enabled(1)
0: Write protected
1: Write enabled
Figure 8.1 PRCR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com