Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 55Page - Renesas Technology Corp M16C/29 Datasheet HTML 56Page - Renesas Technology Corp M16C/29 Datasheet HTML 57Page - Renesas Technology Corp M16C/29 Datasheet HTML 58Page - Renesas Technology Corp M16C/29 Datasheet HTML 59Page - Renesas Technology Corp M16C/29 Datasheet HTML 60Page - Renesas Technology Corp M16C/29 Datasheet HTML 61Page - Renesas Technology Corp M16C/29 Datasheet HTML 62Page - Renesas Technology Corp M16C/29 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 35
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
5. Resets
Hardware reset 1, brown-out detection reset (hardware reset 2), software reset, watchdog timer reset, and
oscillation stop detection reset are implemented to reset the MCU.
5.1 Hardware Reset
Hardware reset 1 and brown-out detection reset are available as the hardware reset.
5.1.1 Hardware Reset 1
____________
Pins, CPU, and SFRs are reset by using the RESET pin. When a low-level (“L”) signal is applied to the
____________
RESET pin while the supply voltage meets the recommended operating condition, pins, CPU, and SFRs
____________
are reset (see Table 5.1 Pin Status When RESET Pin Level is “L”). The oscillation circuit is also reset and
the on-chip oscillator starts oscillating as the CPU clock. CPU and SFRs re reset when the signal applied
____________
to the RESET pin changes from “L” to high (“H”). The MCU executes a program beginning with the
address indicated by the reset vector. The internal RAM is not reset. When an “L” signal is applied to the
____________
RESET pin while writing data to the internal RAM, the content of internal RAM is undefined.
Figure 5.1
shows an example of the reset circuit. Figure 5.2 shows a reset sequence. Table 5.1 shows
____________
status of the other pins while the RESET pin is held “L”. Figure 5.3 shows CPU register states after reset.
Refer to 4. Special Function Register (SFR) about SFR states after reset.
1. Reset on a stable supply voltage
____________
(1) Apply an “L” signal to the RESET pin
(2) Wait
td(ROC) or more
____________
(3) Apply an “H” signal to the RESET pin
2. Power-on reset
____________
(1) Apply an “L” signal to the RESET pin
(2) Increase the supply voltage until it meets the the recommended performance condition
(3) Wait for
td(P-R) or more to allow the internal power supply to stabilize
(4) Wait
td(ROC) or more
____________
(5) Apply an “H” signal to the RESET pin
5.1.2 Brown-Out Detection Reset (Hardware Reset 2)
Note
Brown-out detection reset in the M16C/29 Group, T-ver. and V-ver. cannot be used.
Pins, CPU, and SFR are reset by using the on-chip voltage detection circuit, which monitors the voltage
applied to VCC pin.
When the VC26 bit in the VCR2 register is set to 1 (reset level detection circuit enabled), pins, CPU, and
SFR are reset as soon as the voltage applied to the VCC pin drops to Vdet3 or below.
Then, pins, CPU, and SFR are reset as soon as the voltage applied to the VCC pin reaches Vdet3r or
above. The MCU executes the program in an address determined by the reset vector.
The MCU executes the program after detecting Vdet3r and waiting
td(S-R) ms. The same pins and
registers are reset by the hardware reset 1 and brown-out detection reset, and are also placed in the
same reset state.
The MCU cannot exit stop mode by brown-out detection reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com