Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 86Page - Renesas Technology Corp M16C/29 Datasheet HTML 87Page - Renesas Technology Corp M16C/29 Datasheet HTML 88Page - Renesas Technology Corp M16C/29 Datasheet HTML 89Page - Renesas Technology Corp M16C/29 Datasheet HTML 90Page - Renesas Technology Corp M16C/29 Datasheet HTML 91Page - Renesas Technology Corp M16C/29 Datasheet HTML 92Page - Renesas Technology Corp M16C/29 Datasheet HTML 93Page - Renesas Technology Corp M16C/29 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 499 page
background image
7. Clock Generation Circuit
page 66
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
7.7 System Clock Protective Function
When the main clock is selected for the CPU clock source, this function protects the clock from modifica-
tions in order to prevent the CPU clock from becoming halted by run-away.
If the PM21 bit in the PM2 register is set to 1 (clock modification disabled), the following bits are protected
against writes:
• Bits CM02, CM05, and CM07 in CM0 register
• Bits CM10 and CM11 in CM1 register
• CM20 bit in CM2 register
• All bits in the PLC0 register
Before the system clock protective function can be used, the following register settings must be made while
the CM05 bit in the CM0 register is 0 (main clock oscillating) and CM07 bit is 0 (main clock selected for the
CPU clock source):
(1) Set the PRC1 bit in the PRCR register to 1 (enable writes to PM2 register).
(2) Set the PM21 bit in the PM2 register to 1 (disable clock modification).
(3) Set the PRC1 bit in the PRCR register to 0 (disable writes to PM2 register).
Do not execute the WAIT instruction when the PM21 bit is 1.
7.8 Oscillation Stop and Re-oscillation Detect Function
The oscillation stop and re-oscillation detect function detects the re-oscillation after stop of main clock
oscillation circuit. When the oscillation stop and re-oscillation detection occurs, the oscillation stop detect
function is reset or oscillation stop and re-oscillation detection interrupt is generated, depending on the
CM27 bit set in the CM2 register. The oscillation stop detect function is enabled or disabled by the CM20 bit
in the CM2 register. Table 7.8 lists a specification overview of the oscillation stop and re-oscillation detect
function.
Table 7.8 Specification Overview of Oscillation Stop and Re-oscillation Detect Function
Item
Specification
Oscillation stop detectable clock and
f(XIN) ≥ 2 MHz
frequency bandwidth
Enabling condition for oscillation stop, Set CM20 bit to 1(enable)
re-oscillation detection function
Operation at oscillation stop,
•Reset occurs (when CM27 bit =0)
re-oscillation detection
•Oscillation stop, re-oscillation detection interrupt occurs(when CM27 bit =1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com