Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 60Page - Renesas Technology Corp M16C/29 Datasheet HTML 61Page - Renesas Technology Corp M16C/29 Datasheet HTML 62Page - Renesas Technology Corp M16C/29 Datasheet HTML 63Page - Renesas Technology Corp M16C/29 Datasheet HTML 64Page - Renesas Technology Corp M16C/29 Datasheet HTML 65Page - Renesas Technology Corp M16C/29 Datasheet HTML 66Page - Renesas Technology Corp M16C/29 Datasheet HTML 67Page - Renesas Technology Corp M16C/29 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 40
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 5.7 Typical Operation of Brown-Out Detection Reset (Hardware Reset 2)
Figure 5.6 D4INT Register
D40
Low Voltage Detection Interrupt Register (1)
Symbol
Address
After Reset
D4INT
001F16
0016
Low voltage detection
interrupt enable bit (5)
Bit Name
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 :
Disable
1 :
Enable
D41
STOP mode deactivation
control bit (4)
0: Disable (do not use the low
voltage detection interrupt to exit
stop mode)
1: Enable (use the low voltage
detection interrupt to exit stop
mode)
D42
Voltage change detection flag
(2)
0: Not detected
1: Vdet4 passing detection
D43
WDT overflow detect flag
0: Not detected
1: Detected
DF0
Sampling clock select bit
00 : CPU clock divided by 8
01 : CPU clock divided by 16
10 : CPU clock divided by 32
11 : CPU clock divided by 64
DF1
NOTES:
1. Write to this register after setting the PRC3 bit in the PRCR register to 1 (write enable).
2. Useful when the VC27 bit in the VCR2 register is set to 1 (low voltage detection circuit enabled). If the VC27
bit is set to 0 (low voltage detection circuit disable), the D42 bit is set to 0 (Not detect).
3. This bit is set to 0 by writing a 0 in a program. (Writing 1 has no effect.)
4. If the low voltage detection interrupt needs to be used to get out of stop mode again after once used for that
purpose, reset the D41 bit by writing a 0 and then a 1.
5. The D40 bit is effective when the VC27 bit in the VCR2 register is set to 1. To set the D40 bit to 1, follow the
procedure described below.
(1) Set the VC27 bit to 1.
(2) Wait for td(E-A) until the detection circuit is actuated.
(3) Wait for the sampling time (refer to Table 5.3 Sampling Clock Periods).
(4) Set the D40 bit to 1.
b5b4
RW
RW
RW
RW
(3)
RW
RW
RW
(b7-b6)
Function
(3)
Nothing is assigned. If necessary set to 0. When read, the
content is 0
Vdet4
Vdet3
5.0V
5.0V
VCC
Internal Reset Signal
VC13 bit in
VCR1 register
VC26 bit in
VCR2 register (1)
VC27 bit in
VCR2 register
Set to 1 by program (reset level detect circuit enable)
Set to 1 by program
(low voltage detection circuit enable)
VSS
Undefined
RESET
Vdet3s
Vdet3r
NOTES :
1. VC26 bit is invalid in stop mode. (the MCU is not reset even if input voltage of VCC pin
becomes lower than Vdet3).
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com