Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 67Page - Renesas Technology Corp M16C/29 Datasheet HTML 68Page - Renesas Technology Corp M16C/29 Datasheet HTML 69Page - Renesas Technology Corp M16C/29 Datasheet HTML 70Page - Renesas Technology Corp M16C/29 Datasheet HTML 71Page - Renesas Technology Corp M16C/29 Datasheet HTML 72Page - Renesas Technology Corp M16C/29 Datasheet HTML 73Page - Renesas Technology Corp M16C/29 Datasheet HTML 74Page - Renesas Technology Corp M16C/29 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 499 page
background image
7. Clock Generation Circuit
page 47
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
- CPU clock source
- Peripheral function
clock source
Use of clock
Main Clock
Oscillation Circuit
Sub Clock
Oscillation Circuit
Item
- CPU clock source
- Timer A, B's clock
source
Clock frequency
0 to 20 MHz
32.768 kHz
- Ceramic oscillator
- Crystal oscillator
Usable oscillator
- Crystal oscillator
XIN, XOUT
Pins to connect
oscillator
XCIN, XCOUT
Available
Oscillation stop,
restart function
Oscillating
Oscillator status
after reset
Stopped
Externally derived clock can be input
Other
PLL Frequency
Synthesizer
10 to 20 MHz
Stopped
Variable On-chip Oscillator
- CPU clock source
- Peripheral function clock source
- CPU and peripheral function
clock sources when the main
clock stops oscillating
Selectable source frequency:
f1(ROC), f2(ROC), f3(ROC)
Selectable divider:
by 2, by 4, by 8
Oscillating
- CPU clock source
- Peripheral function clock
source
(CPU clock source)
Available
Available
Available
7. Clock Generation Circuit
The clock generation circuit contains four oscillator circuits as follows:
(1) Main clock oscillation circuit
(2) Sub clock oscillation circuit
(3) Variable on-chip oscillators
(4) PLL frequency synthesizer
Table 7.1
lists the specifications of the clock generation circuit. Figure 7.1 shows the clock generation
circuit. Figures 7.2 to 7.7 show clock-associated registers.
Table 7.1 Clock Generation Circuit Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com