Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 38Page - Renesas Technology Corp M16C/29 Datasheet HTML 39Page - Renesas Technology Corp M16C/29 Datasheet HTML 40Page - Renesas Technology Corp M16C/29 Datasheet HTML 41Page - Renesas Technology Corp M16C/29 Datasheet HTML 42Page - Renesas Technology Corp M16C/29 Datasheet HTML 43Page - Renesas Technology Corp M16C/29 Datasheet HTML 44Page - Renesas Technology Corp M16C/29 Datasheet HTML 45Page - Renesas Technology Corp M16C/29 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 499 page
background image
1. Overview
p
u
o
r
G
9
2
/
C
6
1
M
page 18
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
1.5 Pin Description
Apply 0V to the Vss pin. Apply following voltage to the Vcc pin.
2.7 to 5.5 V (Normal), 3.0 to 5.5 V (T-ver.), 4.2 to 5.5 V (V-ver.)
Supplies power to the A/D converter. Connect the AVCC pin to VCC and
the AVSS pin to VSS
___________
The microcomputer is in a reset state when "L" is applied to the RESET pin
Connect the CNVSS pin to VSS
I/O pins for the main clock oscillation circuit. Connect a ceramic resonator
or crystal oscillator between XIN and XOUT. To apply external clock, apply
it to XIN and leave XOUT open. If XIN is not used (for external oscillator or
external clock) connect XIN pin to VCC and leave XOUT open
I/O pins for the sub clock oscillation circuit. Connect a crystal oscillator
between XCIN and XCOUT
Outputs the clock having the same frequency as f1, f8, f32, or fC
______
________
Input pins for the INT interrupt. INT2 can be used for Timer A Z-phase
function
_______
_______
Input pin for the NMI interrupt. NMI cannot be used as I/O port while the three-
_______
phase motor control is enabled. Apply a stable "H" to NMI after setting it's
direction register to "0" when the three-phase motor control is enabled
Input pins for the key input interrupt
I/O pins for the timer A0 to A4
Input pins for the timer A0 to A4
Input pin for Z-phase
Input pins for the timer B0 to B2
Output pins for the three-phase motor control timer
Input and output pins for the three-phase motor control timer
Input pins for data transmission control
Output pins for data reception control
Inputs and outputs the transfer clock
Inputs serial data
Inputs serial data
Outputs serial data
Outputs serial data
Output pin for transfer clock
Inputs and outputs serial data
Inputs and outputs the transfer clock
Inputs and outputs serial data
Inputs and outputs the transfer clock
Applies reference voltage to the A/D converter
Analog input pins for the A/D converter
Input pin for an external A/D trigger
VCC, VSS
AVCC
AVSS
____________
RESET
CNVSS
XIN
XOUT
XCIN
XCOUT
CLKOUT
________
________
INT0 to INT5
_______
NMI
_____
_____
KI0 to KI3
TA0OUT to
TA4OUT
TA0IN to
TA4IN
ZP
TB0IN to
TB2IN
___
___
U, U, V, V,
___
W, W
IDU, IDW,
_____
IDV, SD
_________
_________
CTS0 to CTS2
_________
_________
RTS0 to RTS2
CLK0 to CLK3
RxD0 to RxD2
SIN3
TxD0 to TxD2
SOUT3
CLKS1
SDA2
SCL2
SDAMM
SCLMM
VREF
AN0 to AN7
AN00 to AN03
AN24
AN30 to AN32
___________
ADTRG
Power supply
Analog power
supply
Reset input
CNVSS
Main clock
input
Main clock
output
Sub clock input
Sub clock output
Clock output
______
INT interrupt
input
_______
NMI interrupt
input
Key input interrupt
Timer A
Timer B
Three-phase
motor control
timer output
Serial I/O
I2C bus Mode
Multi-master
I2C bus
Reference
voltage input
A/D converter
I
I
I
I
I
O
I
O
O
I
I
I
I/O
I
I
I
O
I/O
I
O
I/O
I
I
O
O
O
I/O
I/O
I
I
I
I: Input
O: Output
I/O: Input and output
Classification
Symbol
I/O Type
Function
Table 1.14 Pin Description (64-pin and 80-pin packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com