Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 43Page - Renesas Technology Corp M16C/29 Datasheet HTML 44Page - Renesas Technology Corp M16C/29 Datasheet HTML 45Page - Renesas Technology Corp M16C/29 Datasheet HTML 46Page - Renesas Technology Corp M16C/29 Datasheet HTML 47Page - Renesas Technology Corp M16C/29 Datasheet HTML 48Page - Renesas Technology Corp M16C/29 Datasheet HTML 49Page - Renesas Technology Corp M16C/29 Datasheet HTML 50Page - Renesas Technology Corp M16C/29 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 499 page
background image
3. Memory
p
u
o
r
G
9
2
/
C
6
1
M
page 23
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
3. Memory
Figure 3.1
is a memory map of the M16C/29 Group. M16C/29 Group provides 1-Mbyte address space from
addresses 0000016 to FFFFF16. The internal ROM is allocated lower addresses beginning with address
FFFFF16. For example, 64-Kbytes internal ROM is allocated addresses F000016 to FFFFF16.
Two 2-Kbyte internal ROM areas, block A and block B, are available in the flash memory version. The
blocks are allocated addresses F00016 to FFFF16.
The fixed interrupt vector tables are allocated addresses FFFDC16 to FFFFF16. It stores the starting ad-
dress of each interrupt routine. See the section on interrupts for details.
The internal RAM is allocated higher addresses beginning with address 0040016. For example, 4-Kbytes
internal RAM is allocated addresses 0040016 to 013FF16. Besides sotring data, it becomes stacks when the
subroutines is called or an interrupt is acknowledged.
SFR, consisting of control registers for peripheral functions such as I/O port, A/D converter, serial I/O,
timers is allocated addresses 0000016 to 003FF16. All blank spaces within SFR are reserved and cannot be
accessed by users.
The special page vector table is allocated to the addresses FFE0016 to FFFDB16. This vector is used by the
JMPS or JSRS instruction. For details, refer to the M16C/60 and M16C/20 Series Software Manual.
Figure 3.1 Memory Map
0000016
XXXXX16
FFFFF16
0040016
YYYYY16
Internal ROM(2)
(program space)
SFR Area
Internal RAM
FFE0016
FFFDC16
FFFFF16
Undefined Instruction
Overflow
BRK Instruction
Address Match
Single Step
Watchdog Timer
Reset
Special Page
Vector Table
DBC
Reserved Space
Internal ROM
(data space)
Reserved Space
0F00016
XXXXX16
YYYYY16
Internal RAM area
Internal ROM area
Memory size
013FF16
023FF16
F000016
4 Kbytes
64 Kbytes
Memory size
E800016
96 Kbytes
NOTES:
1. The block A (2K bytes) and block B (2K bytes) are shown (only flash memory).
2. Do not write to the internal ROM area in Mask ROM ver..
(1)
0FFFF16
NMI
033FF16
8 Kbytes
E000016
128 Kbytes
12 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com