Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 58Page - Renesas Technology Corp M16C/29 Datasheet HTML 59Page - Renesas Technology Corp M16C/29 Datasheet HTML 60Page - Renesas Technology Corp M16C/29 Datasheet HTML 61Page - Renesas Technology Corp M16C/29 Datasheet HTML 62Page - Renesas Technology Corp M16C/29 Datasheet HTML 63Page - Renesas Technology Corp M16C/29 Datasheet HTML 64Page - Renesas Technology Corp M16C/29 Datasheet HTML 65Page - Renesas Technology Corp M16C/29 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 38
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
5.5 Voltage Detection Circuit
Note
VCC = 5 V is assumed in 5.5 Voltage Detection Circuit.
Voltage detection circuit in the M16C/29 Group, T-ver. and V-ver. cannot be used.
The voltage detection circuit has the reset level detection circuit and the low voltage detection circuit. The
reset level detection circuit monitors the voltage applied to the VCC pin. The MCU is reset if the reset level
detection circuit detects VCC is Vdet3 or below. Use bits VC27 and VC26 in the VCR2 register to determine
whether the individual circuit is enabled.
Use the reset level detection circuit for brown-out detection reset.
The low voltage detection circuit also monitors the voltage applied to the VCC pin. The low voltage detec-
tion circuit use the VC13 bit in the VCR1 register to detect VCC is above or below Vdet4. The low voltage
detection interrupt can be used in the voltage detection circuit.
Figure 5.4 Voltage Detection Circuit Block
b7 b6
VCR2 Register
RESET
CM10 Bit=1
(Stop Mode)
+
>Vdet3
+
>Vdet4
E
Noise Rejection
Low Voltage
Detect Signal
b3
VCR1 Register
VC13 Bit
>T
Q
1 shot
Internal Reset Signal
(“L” active)
E
VCC
td(S-R)
Brown-out Detect Reset
(Hardware Reset 2
Release Wait Time)
Reset level
detection circuit
Low voltage
detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com