Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 39Page - Renesas Technology Corp M16C/29 Datasheet HTML 40Page - Renesas Technology Corp M16C/29 Datasheet HTML 41Page - Renesas Technology Corp M16C/29 Datasheet HTML 42Page - Renesas Technology Corp M16C/29 Datasheet HTML 43Page - Renesas Technology Corp M16C/29 Datasheet HTML 44Page - Renesas Technology Corp M16C/29 Datasheet HTML 45Page - Renesas Technology Corp M16C/29 Datasheet HTML 46Page - Renesas Technology Corp M16C/29 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 499 page
background image
1. Overview
p
u
o
r
G
9
2
/
C
6
1
M
page 19
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Input pins for the time measurement function
Output pins for the waveform generating function
Input pin for the CAN communication function
Output pin for the CAN communication function
CMOS I/O ports which have a direction register determines an individual
pin is used as an input port or an output port. A pull-up resistor is select-
able for every 4 input ports.
INPC10 to INPC17
OUTC10 to OUTC17
CRX
CTX
P00 to P03
P15 to P17
P20 to P27
P30 to P33
P60 to P67
P70 to P77
P80 to P87
P90 to P93
P100 to P107
Timer S
CAN
I/O Ports
I
O
I
O
I/O
I: Input
O: Output
I/O: Input and output
Classification
Symbol
I/O Type
Function
Table 1.14 Pin Description (64-pin and 80-pin packages) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com