Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 24Page - Renesas Technology Corp M16C/29 Datasheet HTML 25Page - Renesas Technology Corp M16C/29 Datasheet HTML 26Page - Renesas Technology Corp M16C/29 Datasheet HTML 27Page - Renesas Technology Corp M16C/29 Datasheet HTML 28Page - Renesas Technology Corp M16C/29 Datasheet HTML 29Page - Renesas Technology Corp M16C/29 Datasheet HTML 30Page - Renesas Technology Corp M16C/29 Datasheet HTML 31Page - Renesas Technology Corp M16C/29 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 499 page
background image
1. Overview
page 4
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
1.2 Block Diagram
Figure 1.1
is a block diagram of the M16C/29 Group, 80-pin package.
Figure 1.1 M16C/29 Group, 80-Pin Block Diagram
Output (Timer A) : 5
Input (Timer B) : 3
Internal Peripheral Functions
Watchdog timer
(15 bits)
DMAC
(2 channels)
Memory
ROM(1)
RAM(2)
A/D converter
(1 0 b its x 2 7 ch a n n e ls)
UART/clock synchronous SI/O
(8 bits x 3 channels)
System clock generator
XIN-XOUT
XCIN-XCOUT
On-chip oscillator
PLL frequency synthesizer
M16C/60 Series CPU Core
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
SB
ISP
USP
INTB
Multiplier
Port P2
8
PC
FLG
Timer (16 bits)
3-phase PWM
Port P3
8
Port P1
8
I/O Ports
Port P0
8
Clock synchronous SI/O
(8 bits x 2 channels)
Multi-master I2C bus
(
)
Timer S
Input capture/
Output compare
Time measurement : 8 channels
Waveform generating : 8 channels
CAN module
(1 channel)
CRC calculation circuit
(CCITT, CRC-16)
NOTES:
1. The ROM capacity varies depending on each product.
2. The RAM capacity varies depending on each product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com