Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 56Page - Renesas Technology Corp M16C/29 Datasheet HTML 57Page - Renesas Technology Corp M16C/29 Datasheet HTML 58Page - Renesas Technology Corp M16C/29 Datasheet HTML 59Page - Renesas Technology Corp M16C/29 Datasheet HTML 60Page - Renesas Technology Corp M16C/29 Datasheet HTML 61Page - Renesas Technology Corp M16C/29 Datasheet HTML 62Page - Renesas Technology Corp M16C/29 Datasheet HTML 63Page - Renesas Technology Corp M16C/29 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 36
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
5.2 Software Reset
The MCU resets its pins, CPU, and SFRs when the PM03 bit in the PM0 register is set to 1 (reset) and the
MCU executes a program in an address indicated by the reset vector. Then the on-chip oscillator is se-
lected as the CPU clock.
The software reset does not reset some portions of the SFRs. Refer to 4. Special Function Registers
(SFRs)
for details.
5.3 Watchdog Timer Reset
The MCU resets its pins, CPU, and SFRs when the PM12 bit in the PM1 register is set to 1 (watchdog timer
reset) and the watchdog timer underflows. The MCU executes a program in an address indicated by the
reset vector. Then the on-chip oscillator is selected as the CPU clock.
The watchdog timer reset does not reset some portions of the SFRs. Refer to 4. Special Function Regis-
ters (SFRs)
for details.
5.4 Oscillation Stop Detection Reset
The MCU resets its pins, CPU, and SFRs and stops if the main clock stop is detected when the CM20 bit in
the CM2 register is set to 1 (oscillation stop, re-oscillation detection function enabled) and the CM27 bit in
the CM2 register is 0 (reset at oscillation stop detection). Refer to the section 7.8 oscillation stop, re-
oscillation detection function
for details.
The oscillation stop detection reset does not reset some portions of the SFRs. Refer to 4. Special Func-
tion Registers (SFRs)
.
Figure 5.1 Example Reset Circuit
RESET
VCC
RESET
VCC
0V
0V
More than td(ROC) + td(P-R)
Equal to or less
than 0.2VCC
Equal to or less
than 0.2VCC
Recommended
operating
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com