Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 85Page - Renesas Technology Corp M16C/29 Datasheet HTML 86Page - Renesas Technology Corp M16C/29 Datasheet HTML 87Page - Renesas Technology Corp M16C/29 Datasheet HTML 88Page - Renesas Technology Corp M16C/29 Datasheet HTML 89Page - Renesas Technology Corp M16C/29 Datasheet HTML 90Page - Renesas Technology Corp M16C/29 Datasheet HTML 91Page - Renesas Technology Corp M16C/29 Datasheet HTML 92Page - Renesas Technology Corp M16C/29 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 499 page
background image
7. Clock Generation Circuit
page 65
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
Table 7.7 Allowed Transition and Setting
High-speed mode,
middle-speed mode
On-chip oscillator mode
Stop mode
Wait mode
On-chip oscillator
low power dissipation
mode
PLL operation mode2
Low power dissipation
mode
Low-speed mode2
State after transition
8
--
(8)
(18)5
(9)7
--
(10)
(11)1, 6
(12)3
(14)4
--
--
--
--
(13)3
(15)
--
--
--
--
--
--
(10)
--
--
--
--
--
--
--
--
(18)
(18)
--
--
(16)1
(17)
(16)1
(17)
(16)1
(17)
(16)1
(17)
(16)1
(17)
--
--
(18)5
(18)5
(18)
(18)
(18)
(18)
(18)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
Setting
Operation
CM04 = 0
Sub clock turned off
CM04 = 1
Sub clock oscillating
CM06 = 0,
CPU clock no division mode
CM17 = 0 , CM16 = 0
CM06 = 0,
CPU clock division by 2 mode
CM17 = 0 , CM16 = 1
CM06 = 0,
CPU clock division by 4 mode
CM17 = 1 , CM16 = 0
CM06 = 1
CPU clock division by 8 mode
CM06 = 0,
CPU clock division by 16 mode
CM17 = 1 , CM16 = 1
CM07 = 0
Main clock, PLL clock,
or on-chip oscillator clock selected
CM07 = 1
Sub clock selected
CM05 = 0
Main clock oscillating
CM05 = 1
Main clock turned off
PLC07 = 0,
CM11 = 0
Main clock selected
PLC07 = 1,
CM11 = 1
PLL clock selected
CM21 = 0
Main clock or PLL clock selected
CM21 = 1
On-chip oscillator clock selected
CM10 = 1
Transition to stop mode
wait instruction
Transition to wait mode
Hardware interrupt
Exit stop mode or wait mode
NOTES:
1. Avoid making a transition when the CM20 bit is set to 1 (oscillation stop, re-oscillation detection function enabled).
Set the CM20 bit to 0 (oscillation stop, re-oscillation detection function disabled) before transiting.
2. On-chip oscillator clock oscillates and stops in low-speed mode. In this mode, the on-chip oscillator can be used as peripheral function clock.
Sub clock oscillates and stops in PLL operation mode. In this mode, sub clock can be used as a clock for the timers A and B.
3. PLL operation mode can only be entered from and changed to high-speed mode.
4. Set the CM06 bit to 1 (division by 8 mode) before transiting from on-chip oscillator mode to high- or middle-speed mode.
5. When exiting stop mode, the CM06 bit is set to 1 (division by 8 mode).
6. If the CM05 bit is set to 1 (main clock stop), then the CM06 bit is set to 1 (division by 8 mode).
7. A transition can be made only when sub clock is oscillating.
8. State transitions within the same mode (divide-by-n values changed or subclock oscillation turned on or off) are shown in the table below.
--: Cannot transit
(11)1
High-speed mode,
middle-speed mode
On-chip oscillator
mode
Stop mode
Wait mode
On-chip oscillator
low power
dissipation mode
PLL operation
mode2
Low power
dissipation mode
Low-speed mode2
8
8
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
(5)
(7)
(7)
(5)
(5)
(5)
(7)
(7)
(6)
(6)
(6)
(6)
No
division
Divided
by 2
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(7)
(7)
(7)
(7)
(6)
(6)
(6)
(6)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Sub clock oscillating
Sub clock turned off
--: Cannot transit
Divided
by 4
Divided
by 8
Divided
by 16
No
division
Divided
by 2
Divided
by 4
Divided
by 8
Divided
by 16
No division
Divided by 4
Divided by 8
Divided by 16
Divided by 2
No division
Divided by 4
Divided by 8
Divided by 16
Divided by 2
9. ( ) : setting method. Refer to following table.
CM04, CM05, CM06, CM07 : Bits in the CM0 register
CM10, CM11, CM16, CM17 : Bits in the CM1 register
CM20, CM21
: Bits in the CM2 register
PLC07
: Bit in the PLC0 register
(9)7
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com