Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 53Page - Renesas Technology Corp M16C/29 Datasheet HTML 54Page - Renesas Technology Corp M16C/29 Datasheet HTML 55Page - Renesas Technology Corp M16C/29 Datasheet HTML 56Page - Renesas Technology Corp M16C/29 Datasheet HTML 57Page - Renesas Technology Corp M16C/29 Datasheet HTML 58Page - Renesas Technology Corp M16C/29 Datasheet HTML 59Page - Renesas Technology Corp M16C/29 Datasheet HTML 60Page - Renesas Technology Corp M16C/29 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 499 page
background image
4. Special Function Registers (SFRs)
p
u
o
r
G
9
2
/
C
6
1
M
page 33
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Address
Register
Symbol
After reset
038016
Count start flag
TABSR
0016
038116
Clock prescaler reset flag
CPSRF
0XXXXXXX2
038216
One-shot start flag
ONSF
0016
038316
Trigger select register
TRGSR
0016
038416
Up-dowm flag
UDF
0016
038516
038616
Timer A0 register
TA0
XX16
038716
XX16
038816
Timer A1 register
TA1
XX16
038916
XX16
038A16
Timer A2 register
TA2
XX16
038B16
XX16
038C16
Timer A3 register
TA3
XX16
038D16
XX16
038E16
Timer A4 register
TA4
XX16
038F16
XX16
039016
Timer B0 register
TB0
XX16
039116
XX16
039216
Timer B1 register
TB1
XX16
039316
XX16
039416
Timer B2 register
TB2
XX16
039516
XX16
039616
Timer A0 mode register
TA0MR
0016
039716
Timer A1 mode register
TA1MR
0016
039816
Timer A2 mode register
TA2MR
0016
039916
Timer A3 mode register
TA3MR
0016
039A16
Timer A4 mode register
TA4MR
0016
039B16
Timer B0 mode register
TB0MR
00XX00002
039C16
Timer B1 mode register
TB1MR
00XX00002
039D16
Timer B2 mode register
TB2MR
00XX00002
039E16
Timer B2 special mode register
TB2SC
X00000002
039F16
03A016
UART0 transmit/receive mode register
U0MR
0016
03A116
UART0 bit rate register
U0BRG
XX16
03A216
UART0 transmit buffer register
U0TB
XX16
03A316
XX16
03A416
UART0 transmit/receive control register 0
U0C0
000010002
03A516
UART0 transmit/receive control register 1
U0C1
000000102
03A616
UART0 receive buffer register
U0RB
XX16
03A716
XX16
03A816
UART1 transmit/receive mode register
U1MR
0016
03A916
UART1 bit rate register
U1BRG
XX16
03AA16
UART1 transmit buffer register
U1TB
XX16
03AB16
XX16
03AC16
UART1 transmit/receive control register 0
U1C0
000010002
03AD16
UART1 transmit/receive control register 1
U1C1
000000102
03AE16
UART1 receive buffer register
U1RB
XX16
03AF16
XX16
03B016
UART transmit/receive control register 2
UCON
X00000002
03B116
03B216
03B316
03B416
CRC snoop address register
CRCSAR
XX16
03B516
00XXXXXX2
03B616
CRC mode register
CRCMR
0XXXXXX02
03B716
03B816
DMA0 request cause select register
DM0SL
0016
03B916
03BA16
DMA1 request cause select register
DM1SL
0016
03BB16
03BC16
CRC data register
CRCD
XX16
03BD16
XX16
03BE16
CRC input register
CRCIN
XX16
03BF16
Note 1: The blank areas are reserved and cannot be used by users.
X : Undefined
Table 4.10 SFR Information (10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com