Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 93Page - Renesas Technology Corp M16C/29 Datasheet HTML 94Page - Renesas Technology Corp M16C/29 Datasheet HTML 95Page - Renesas Technology Corp M16C/29 Datasheet HTML 96Page - Renesas Technology Corp M16C/29 Datasheet HTML 97Page - Renesas Technology Corp M16C/29 Datasheet HTML 98Page - Renesas Technology Corp M16C/29 Datasheet HTML 99Page - Renesas Technology Corp M16C/29 Datasheet HTML 100Page - Renesas Technology Corp M16C/29 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 73
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Interrupt source
Vector table addresses
Remarks
Reference
Address (L) to address (H)
Undefined instruction FFFDC16 to FFFDF16
Interrupt on UND instruction
M16C/60, M16C/20
Overflow
FFFE016 to FFFE316
Interrupt on INTO instruction
serise software
BRK instruction
FFFE416 to FFFE716
maual
Address match
FFFE816 to FFFEB16
Address match interrupt
Single step (1)
FFFEC16 to FFFEF16
Watchdog timer
FFFF016 to FFFF316
Watchdog timer,
Oscillation stop and
clock generating circuit,
re-oscillation detection,
voltage detection circuit
low voltage detection
________
DBC (1)
FFFF416 to FFFF716
_______
NMI
FFFF816 to FFFFB16
_______
NMI interrupt
Reset(2)
FFFFC16 to FFFFF16
Reset
NOTE:
1. Do not normally use this interrupt because it is provided exclusively for use by development tools.
Figure 9.2 Interrupt Vector
9.2 Interrupts and Interrupt Vector
One interrupt vector consists of 4 bytes. Set the start address of each interrupt routine in the respective
interrupt vectors. When an interrupt request is accepted, the CPU branches to the address set in the
corresponding interrupt vector. Figure 9.2 shows the interrupt vector.
9.2.1 Fixed Vector Tables
The fixed vector tables are allocated to the addresses from FFFDC16 to FFFFF16. Table 9.1 lists the
fixed vector tables. In the flash memory version of MCU, the vector addresses (H) of fixed vectors are
used by the ID code check function. For details, refer to the section "flash memory rewrite disabling
function".
Table 9.1 Fixed Vector Tables
If the contents of address
FFFE716 is FF16, program ex-
ecution starts from the address
shown by the vector in the
relocatable vector table
Mid address
Low address
0 0 0 0
High address
0 0 0 0
0 0 0 0
Vector address (L)
LSB
MSB
Vector address (H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com