Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 68Page - Renesas Technology Corp M16C/29 Datasheet HTML 69Page - Renesas Technology Corp M16C/29 Datasheet HTML 70Page - Renesas Technology Corp M16C/29 Datasheet HTML 71Page - Renesas Technology Corp M16C/29 Datasheet HTML 72Page - Renesas Technology Corp M16C/29 Datasheet HTML 73Page - Renesas Technology Corp M16C/29 Datasheet HTML 74Page - Renesas Technology Corp M16C/29 Datasheet HTML 75Page - Renesas Technology Corp M16C/29 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 499 page
background image
7. Clock Generation Circuit
page 48
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
Figure 7.1 Clock Generation Circuit
Phase
comparator
Charge
pump
Voltage
control
oscillator
(VCO)
PLL clock
Main clock
1/2
Programmable
counter
Internal low-
pass filter
PLL frequency synthesizer
Pulse generation
circuit for clock
edge detection
and charge,
discharge control
Charge,
discharge
circuit
Reset
generating
circuit
Oscillation stop,
re-oscillation
detection interrupt
generating circuit
Main
clock
Oscillation stop
detection reset
CM27=0
CM21 switch signal
Oscillation stop,
re-oscillation
detection signal
Oscillation stop, re-oscillation detection circuit
CM27=1
1/2
1/2
1/2
ROCR3, ROCR2=112
On-chip
oscillator
clock
1/8
1/4
1/2
ROCR3, ROCR2=102
ROCR3, ROCR2=012
ROCR1, ROCR0=002
f1(ROC)
f2(ROC)
f3(ROC)
ROCR1,ROCR0=012
ROCR1, ROCR0=112
Variable On-chip Oscillator
Variable
on-chip
oscillator
fC32
1/32
Main clock
generating circuit
fC
CM02
CM04
CM10=1(stop mode)
Q
S
R
WAIT instruction
CM05
Q
S
R
NMI
Interrupt request level judgment output
RESET
Software reset
fC
CPU clock
CM07=0
CM07=1
e
a
d
1/2
1/2
1/2
1/2
CM06=0
CM17, CM16=002
CM06=0
CM17, CM16=012
CM06=0
CM17, CM16=102
CM06=1
CM06=0
CM17, CM16=112
d
a
Details of divider
Sub-clock
generating circuit
XCIN
XCOUT
XOUT
XIN
f8
f32
c
b
b
1/2
c
f32SIO
f8SIO
fAD
f1
e
e
1/2
1/4
1/8
1/16
1/32
PCLK0=1
PLL
frequency
synthesizer
0
1
CM21=1
CM11
CM21=0
PLL
clock
Sub-clock
On-chip
oscillator
clock
PCLK0=0
f2
f1SIO
PCLK1=1
PCLK1=0
f2SIO
Main
clock
Oscillation
stop, re-
oscillation
detection
circuit
D4INT clock
BCLK
CLKOUT
I/O ports
PCLK5=0,CM01-CM00=002
PCLK5=0,CM01-CM00=012
PCLK5=1,
CM01-CM00=002
PCLK5=0,
CM01-CM00=102
PCLK5=0,
CM01-CM00=112
CAN module
system clock
divider
fCAN
CCLK2-CCLK0=0002
CCLK2-CCLK0=0012
CCLK2-CCLK0=0102
CCLK2-CCLK0=0112
CCLK2-CCLK0=1002
CM00, CM01, CM02, CM04, CM05, CM06, CM07: Bits in the CM0 register
CM10, CM11, CM16, CM17: Bits in the CM1 register
PCLK0, PCLK1, PCLK5: Bits in the PCLKR register
CM21, CM27: Bits in the CM2 register
CM21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com