Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 33Page - Renesas Technology Corp M16C/29 Datasheet HTML 34Page - Renesas Technology Corp M16C/29 Datasheet HTML 35Page - Renesas Technology Corp M16C/29 Datasheet HTML 36Page - Renesas Technology Corp M16C/29 Datasheet HTML 37Page - Renesas Technology Corp M16C/29 Datasheet HTML 38Page - Renesas Technology Corp M16C/29 Datasheet HTML 39Page - Renesas Technology Corp M16C/29 Datasheet HTML 40Page - Renesas Technology Corp M16C/29 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 499 page
background image
1. Overview
page 13
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 1.12 Pin Characteristics for 80-Pin Package
n
i
P
.
o
N
l
o
rt
n
o
C
n
i
P
tr
o
P
t
p
u
r
r
e
t
n
I
n
i
P
n
i
P
r
e
m
i
Tn
i
P
S
r
e
m
i
Tn
i
P
N
A
C
/
T
R
A
U
r
e
t
s
a
m
-i
tl
u
M
I2
n
i
P
s
u
b
C
n
i
P
g
o
l
a
n
A
19
P 5
K
L
C 4
2
N
A 5
29
P 3
X
T
C2
N
A 4
39
P 2
B
T N
I
2
X
R
C3
N
A 2
49
P 1
B
T N
I
1
3
N
A 1
5K
L
C
T
U
O
9
P 0
B
T N
I
0
3
N
A 0
6s
s
V
N
C
7X N
I
C
8
P 7
8X
T
U
O
C
8
P 6
9T
E
S
E
R
0
1X T
U
O
1
1s
s
V
2
1X N
I
3
1c
c
V
4
18
P 5
I
M
ND
S
5
18
P 4
T
N
I
2
P
Z
6
18
P 3
T
N
I
1
7
18
P 2
T
N
I
0
8
18
P 1
A
T N
I
4
U
/
9
18
P 0
A
T
T
U
O
4
U
/
0
27
P 7
A
T N
I
3
1
27
P 6
A
T
T
U
O
3
2
27
P 5
A
T N
I
2
W
/
3
27
P 4
A
T
T
U
O
2
W
/
4
27
P 3
A
T N
I
1
V
/S
T
C 2
S
T
R
/
2
T
/ XD1
5
27
P 2
A
T
T
U
O
1
V
/K
L
C 2 R
/ XD1
6
27
P 1
A
T N
I
0
RXD2
L
C
S
/
2
K
L
C
/
1
7
27
P 0
A
T
T
U
O
0
TXD2
A
D
S
/
2
S
T
R
/
1
/
S
T
C 1
S
T
C
/
0
S
K
L
C
/
1
8
26
P 7
TXD1
9
26
P 6
RXD1
0
36
P 5
K
L
C 1
1
36
P 4
S
T
R 1
S
T
C
/
1
S
T
C
/
0
/
S
K
L
C
1
2
33
P 7
3
33
P 6
4
33
P 5
5
33
P 4
6
33
P 3
7
33
P 2
S
3
T
U
O
8
33
P 1
S 3
N
I
9
33
P 0
K
L
C 3
0
46
P 3
TXD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com