Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 94Page - Renesas Technology Corp M16C/29 Datasheet HTML 95Page - Renesas Technology Corp M16C/29 Datasheet HTML 96Page - Renesas Technology Corp M16C/29 Datasheet HTML 97Page - Renesas Technology Corp M16C/29 Datasheet HTML 98Page - Renesas Technology Corp M16C/29 Datasheet HTML 99Page - Renesas Technology Corp M16C/29 Datasheet HTML 100Page - Renesas Technology Corp M16C/29 Datasheet HTML 101Page - Renesas Technology Corp M16C/29 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 74
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 9.2 Relocatable Vector Tables
9.2.2 Relocatable Vector Tables
The 256 bytes beginning with the start address set in the INTB register comprise a reloacatable vector
table area. Table 9.2 lists the relocatable vector tables. Setting an even address in the INTB register
results in the interrupt sequence being executed faster than in the case of odd addresses.
Software interrupt
number
Reference
Vector address (1)
Address (L) to address (H)
0
11
12
13
14
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
63
to
10
15
16
5
6
7
8
4
9
1
Interrupt source
BRK instruction(2)
INT3
SI/O3, INT4(5)
SI/O4, INT5(5)
IC/OC interrupt 1, I2C bus interface(4)
IC/OC interrupt 0
DMA0
DMA1
A/D, Key input interrupt (7)
UART0 transmit
UART0 receive
UART1 transmit
UART1 receive
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
Timer B0
Timer B1
Timer B2
INT0
INT1
INT2
Software interrupt(2)
UART 2 bus collision detection (6)
UART2 transmit, NACK2 (8)
UART2 receive, ACK2 (8)
IC/OC base timer, SCL/SDA(4)
M16C/60, M16C/20
series software
manual
INT interrupt
Timer S
Multi-Master I2C bus
interface
CAN module
INT interrupt
Serial I/O
DMAC
A/D convertor,
Key input interrupt
Serial I/O
Timer
INT interrupt
M16C/60, M16C/20
series software
manual
CAN0 wakeup(3)
+0 to +3 (000016 to 000316)
+44 to +47 (002C 16 to 002F16)
+48 to +51 (003016 to 003316)
+52 to +55 (003416 to 003716)
+56 to +59 (003816 to 003B16)
+68 to +71 (004416 to 004716)
+72 to +75 (004816 to 004B16)
+76 to +79 (004C 16 to 004F16)
+80 to +83 (005016 to 005316)
+84 to +87 (005416 to 005716)
+88 to +91 (005816 to 005B16)
+92 to +95 (005C 16 to 005F16)
+96 to +99 (006016 to 006316)
+100 to +103 (006416 to 006716)
+104 to +107 (0068 16 to 006B16)
+108 to +111 (006C 16 to 006F16)
+112 to +115 (007016 to 007316)
+116 to +119 (007416 to 007716)
+120 to +123 (0078 16 to 007B16)
+124 to +127 (007C 16 to 007F16)
+128 to +131 (008016 to 008316)
+252 to +255 (00FC 16 to 00FF16)
+40 to +43 (002816 to 002B16)
+60 to +63 (003C 16 to 003F16)
+64 to +67 (004016 to 004316)
+20 to +23 (001416 to 001716)
+24 to +27 (001816 to 001B16)
+28 to +31 (001C 16 to 001F16)
+32 to +35 (002016 to 002316)
+16 to +19 (001016 to 001316)
+36 to +39 (002416 to 002716)
to
2
3
+4 to +7 (000416 to 000716)
+8 to +11 (000816 to 000B16)
+12 to +15 (000C 16 to 000F16)
CAN0 receive completion
CAN0 transmit completion
Timer S
Serial I/O
CAN0 state, error
CAN module
NOTES:
1. Address relative to address in INTB.
2. These interrupts cannot be disabled using the I flag.
3. Set the IFSR22 bit in the IFSR register to 0.
4. Use bits IFSR26 and IFSR27 in the IFSR2A register to select.
5. Use bits IFSR6 and IFSR7 in the IFSR register to select.
6. Bus collision detection: In IEBus mode, this bus collision detection constitutes the cause of an interrupt. In I2C bus
mode, however, a start condition or a stop condition detection constitutes the cause of an interrupt.
7. Use the IFSR21 bit in the IFSR2A register to select.
8. During I2C bus mode, NACK and ACK interrupts comprise the interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com