Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 98Page - Renesas Technology Corp M16C/29 Datasheet HTML 99Page - Renesas Technology Corp M16C/29 Datasheet HTML 100Page - Renesas Technology Corp M16C/29 Datasheet HTML 101Page - Renesas Technology Corp M16C/29 Datasheet HTML 102Page - Renesas Technology Corp M16C/29 Datasheet HTML 103Page - Renesas Technology Corp M16C/29 Datasheet HTML 104Page - Renesas Technology Corp M16C/29 Datasheet HTML 105Page - Renesas Technology Corp M16C/29 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 78
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
9.3.1 I Flag
The I flag enables or disables the maskable interrupt. Setting the I flag to 1 (= enabled) enables the
maskable interrupt. Setting the I flag to 0 (= disabled) disables all maskable interrupts.
9.3.2 IR Bit
The IR bit is set to 1 (= interrupt requested) when an interrupt request is generated. Then, when the
interrupt request is accepted and the CPU branches to the corresponding interrupt vector, the IR bit is
cleared to 0 (= interrupt not requested).
The IR bit can be cleared to 0 in a program. Note that do not write 1 to this bit.
9.3.3 ILVL2 to ILVL0 Bits and IPL
Interrupt priority levels can be set using bits ILVL2 to ILVL0.
Table 9.3
shows the settings of interrupt priority levels and Table 9.4 shows the interrupt priority levels
enabled by the IPL.
The following are conditions under which an interrupt is accepted:
· I flag = 1
· IR bit = 1
· interrupt priority level > IPL
The I flag, IR bit, bits ILVL2 to ILVL0, and IPL are independent of each other. In no case do they affect
one another.
Table 9.4 Interrupt Priority Levels
Enabled by IPL
Table 9.3 Settings of Interrupt Priority
Levels
ILVL2 to ILVL0 bits
Interrupt priority
level
Priority
order
0002
0012
0102
0112
1002
1012
1102
1112
Level 0 (interrupt disabled)
Level 1
Level 2
Level 3
Level 4
Level 5
Level 6
Level 7
Low
High
Enabled interrupt priority levels
Interrupt levels 1 and above are enabled
Interrupt levels 2 and above are enabled
Interrupt levels 3 and above are enabled
Interrupt levels 4 and above are enabled
Interrupt levels 5 and above are enabled
Interrupt levels 6 and above are enabled
Interrupt levels 7 and above are enabled
All maskable interrupts are disabled
IPL
0002
0012
0102
0112
1002
1012
1102
1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com