Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 100Page - Renesas Technology Corp M16C/29 Datasheet HTML 101Page - Renesas Technology Corp M16C/29 Datasheet HTML 102Page - Renesas Technology Corp M16C/29 Datasheet HTML 103Page - Renesas Technology Corp M16C/29 Datasheet HTML 104Page - Renesas Technology Corp M16C/29 Datasheet HTML 105Page - Renesas Technology Corp M16C/29 Datasheet HTML 106Page - Renesas Technology Corp M16C/29 Datasheet HTML 107Page - Renesas Technology Corp M16C/29 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 80
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Interrupt sources
_______
Watchdog timer, NMI, Oscillation stop and re-oscillation detection, Low volage detection
_________
Software, address match, DBC, single-step
9.4.2 Variation of IPL when Interrupt Request is Accepted
When a maskable interrupt request is accepted, the interrupt priority level of the accepted interrupt is set
in the IPL.
When a software interrupt or special interrupt request is accepted, one of the interrupt priority levels listed
in Table 9.5 is set in the IPL. Shown in Table 9.5 are the IPL values of software and special interrupts
when they are accepted.
Table 9.5 IPL Level That is Set to IPL When A Software or Special Interrupt Is Accepted
Figure 9.6 Interrupt response time
9.4.1 Interrupt Response Time
Figure 9.6
shows the interrupt response time. The interrupt response or interrupt acknowledge time
denotes time from when an interrupt request is generated till when the first instruction in the interrupt
routine is executed. Specifically, it consists of the time from when an interrupt request is generated till
when the instruction then executing is completed ((a) in Figure 9.6) and the time during which the inter-
rupt sequence is executed ((b) in Figure 9.6).
Instruction
Interrupt sequence
Instruction in
interrupt routine
Time
Interrupt response time
(a)
(b)
Interrupt request acknowledged
Interrupt request generated
(a) The time from when an interrupt request is generated till when the instruction then
executing is completed. The length of this time varies with the instruction being
executed. The DIVX instruction requires the longest time, which is equal to 30 cycles
(without wait state, the divisor being a register).
(b) The time during which the interrupt sequence is executed. For details, see the table
below. Note, however, that the values in this table must be increased 2 cycles for the
DBC interrupt and 1 cycle for the address match and single-step interrupts.
Interrupt vector address
Even
Even
Odd
Odd
SP value
Even
Odd
Even
Odd
Without wait
18 cycles
19 cycles
19 cycles
20 cycles
IPL setting
7
No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com