Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 9Page - Renesas Technology Corp M16C/29 Datasheet HTML 10Page - Renesas Technology Corp M16C/29 Datasheet HTML 11Page - Renesas Technology Corp M16C/29 Datasheet HTML 12Page - Renesas Technology Corp M16C/29 Datasheet HTML 13Page - Renesas Technology Corp M16C/29 Datasheet HTML 14Page - Renesas Technology Corp M16C/29 Datasheet HTML 15Page - Renesas Technology Corp M16C/29 Datasheet HTML 16Page - Renesas Technology Corp M16C/29 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 499 page
background image
A-6
16.5.3 Bit 2: Slave Address Comparison Flag (AAS) ..................................................... 269
16.5.4 Bit 3: Arbitration Lost Detection Flag (AL) ........................................................... 269
16.5.5 Bit 4: I2C bus Interface Interrupt Request Bit (PIN) ............................................. 270
16.5.6 Bit 5: Bus Busy Flag (BB).................................................................................... 270
16.5.7 Bit 6: Communication Mode Select Bit (Transfer Direction Select Bit: TRX)....... 271
16.5.8 Bit 7: Communication mode select bit (master/slave select bit: MST) ................ 271
16.6 I2C0 Control Register 1 (S3D0 register) .................................................................... 272
16.6.1 Bit 0 : Interrupt Enable Bit by STOP Condition (SIM ) ......................................... 272
16.6.2 Bit 1: Interrupt Enable Bit at the Completion of Data Receive (WIT) .................. 272
16.6.3 Bits 2,3 : Port Function Select Bits PED, PEC .................................................... 273
16.6.4 Bits 4,5 : SDA/SCL Logic Output Value Monitor Bits SDAM/SCLM .................... 274
16.6.5 Bits 6,7 : I2C System Clock Select Bits ICK0, ICK1 ............................................ 274
16.6.6 Address Receive in STOP/WAIT Mode ............................................................... 274
16.7 I2C0 Control Register 2 (S4D0 Register) ................................................................... 275
16.7.1 Bit0: Time-Out Detection Function Enable Bit (TOE) .......................................... 276
16.7.2 Bit1: Time-Out Detection Flag (TOF ).................................................................. 276
16.7.3 Bit2: Time-Out Detection Period Select Bit (TOSEL) .......................................... 276
16.7.4 Bits 3,4,5: I2C System Clock Select Bits (ICK2-4) ............................................... 276
16.7.5 Bit7: STOP Condition Detection Interrupt Request Bit (SCPIN).......................... 276
16.8 I2C0 START/STOP Condition Control Register (S2D0 Register) ............................... 277
16.8.1 Bit0-Bit4: START/STOP Condition Setting Bits (SSC0-SSC4) ............................ 277
16.8.2 Bit5: SCL/SDA Interrupt Pin Polarity Select Bit (SIP) .......................................... 277
16.8.3 Bit6 : SCL/SDA Interrupt Pin Select Bit (SIS) ...................................................... 277
16.8.4 Bit7: START/STOP Condition Generation Select Bit (STSPSEL) ....................... 277
16.9 START Condition Generation Method ....................................................................... 278
16.10 START Condition Duplicate Protect Function ........................................................... 279
16.11 STOP Condition Generation Method ........................................................................ 279
16.12 START/STOP Condition Detect Operation ............................................................... 281
16.13 Address Data Communication ................................................................................. 282
16.13.1 Example of Master Transmit ............................................................................. 282
16.13.2 Example of Slave Receive ................................................................................ 283
16.14 Precautions............................................................................................................... 284
17. CAN Module ______________________________________________ 287
17.1 CAN Module-Related Registers ................................................................................. 288
17.1.1 CAN0 Message Box ............................................................................................. 289
17.1.2 Acceptance Mask Registers ................................................................................. 291
17.1.3 CAN SFR Registers ............................................................................................. 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com