Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 78Page - Renesas Technology Corp M16C/29 Datasheet HTML 79Page - Renesas Technology Corp M16C/29 Datasheet HTML 80Page - Renesas Technology Corp M16C/29 Datasheet HTML 81Page - Renesas Technology Corp M16C/29 Datasheet HTML 82Page - Renesas Technology Corp M16C/29 Datasheet HTML 83Page - Renesas Technology Corp M16C/29 Datasheet HTML 84Page - Renesas Technology Corp M16C/29 Datasheet HTML 85Page - Renesas Technology Corp M16C/29 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 499 page
background image
7. Clock Generation Circuit
page 58
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
7.5 CPU Clock and Peripheral Function Clock
The CPU clock is used to operate the CPU and peripheral function clocks are used to operate the peripheral
functions.
7.5.1 CPU Clock
This is the operating clock for the CPU and watchdog timer.
The clock source for the CPU clock can be chosen to be the main clock, sub clock, on-chip oscillator clock
or the PLL clock.
If the main clock or on-chip oscillator clock is selected as the clock source for the CPU clock, the selected
clock source can be divided by 1 (undivided), 2, 4, 8 or 16 to produce the CPU clock. Use the CM06 bit in
CM0 register and bits CM17 to CM16 in CM1 register to select the divide-by-n value.
When the PLL clock is selected as the clock source for the CPU clock, the CM06 bit should be set to 0 and
bits CM17 and CM16 to 002 (undivided).
After reset, the on-chip oscillator clock divided by 16 provides the CPU clock.
Note that when entering stop mode from high or middle speed mode, on-chip oscillator mode or on-chip
oscillator low power dissipation mode, or when the CM05 bit in the CM0 register is set to 1 (main clock
turned off) in low-speed mode, the CM06 bit in the CM0 register is set to 1 (divide-by-8 mode).
7.5.2 Peripheral Function Clock(f1, f2, f8, f32, f1SIO, f2SIO, f8SIO, f32SIO, fAD, fC32, fCAN0)
These are operating clocks for the peripheral functions.
Of these, fi (i = 1, 2, 8, 32) and fiSIO are derived from the main clock, PLL clock, or on-chip oscillator clock
divided by i. The clock fi is used for Timer A, Timer B, SI/O3 and SI/O4 while fiSIO is used for UART0 to
UART2. Additionally, the f1 and f2 clocks are also used for dead time timer, Timer S, multi-master I2C bus.
The fAD clock is produced from the main clock, PLL clock or on-chip oscillator clock, and is used for the A/
D converter.
The fCAN0 clock is derived from the main clock, PLL clock or on-chip oscillator clock devided by 1 (undi-
vided), 2, 4, 8, or 16, and is used for the CAN module.
When the WAIT instruction is executed after setting the CM02 bit in the CM0 register to 1 (peripheral
function clock turned off during wait mode), or when the MCU is in low power dissipation mode, the fi, fiSIO,
fAD, and fCAN0 clocks are turned off. (Note 1)
The fC32 clock is produced from the sub clock, and is used for timers A and B. This clock can only be used
when the sub clock is on.
Note 1: fCAN0 clock stops at "H" in CAN0 sleep mode.
7.5.3 ClockOutput Function
The f1, f8, f32 or fC clock can be output from the CLKOUT pin. Use the PCLK5 bit in the PCLKR register
and bits CM01 to CM00 in the CM0 register to select. Table 7.3 shows the function of the CLKOUT pin.
PCLK5
CM01
CM00
The function of the CLKOUT pin
0
0
0
I/O port P90
00
1
fC
01
0
f8
01
1
f32
10
0
f1
1
0
1
Do not set
1
1
0
Do not set
1
1
1
Do not set
Table 7.3 The function of the CLKOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com