Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 51Page - Renesas Technology Corp M16C/29 Datasheet HTML 52Page - Renesas Technology Corp M16C/29 Datasheet HTML 53Page - Renesas Technology Corp M16C/29 Datasheet HTML 54Page - Renesas Technology Corp M16C/29 Datasheet HTML 55Page - Renesas Technology Corp M16C/29 Datasheet HTML 56Page - Renesas Technology Corp M16C/29 Datasheet HTML 57Page - Renesas Technology Corp M16C/29 Datasheet HTML 58Page - Renesas Technology Corp M16C/29 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 499 page
background image
4. Special Function Registers (SFRs)
p
u
o
r
G
9
2
/
C
6
1
M
page 31
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Address
Register
Symbol
After reset
030016
Time measurement, Pulse generation register 0
G1TM0,G1PO0
XX16
030116
XX16
030216
Time measurement, Pulse generation register 1
G1TM1,G1PO1
XX16
030316
XX16
030416
Time measurement, Pulse generation register 2
G1TM2,G1PO2
XX16
030516
XX16
030616
Time measurement, Pulse generation register 3
G1TM3,G1PO3
XX16
030716
XX16
030816
Time measurement, Pulse generation register 4
G1TM4,G1PO4
XX16
030916
XX16
030A16
Time measurement, Pulse generation register 5
G1TM5,G1PO5
XX16
030B16
XX16
030C16
Time measurement, Pulse generation register 6
G1TM6,G1PO6
XX16
030D16
XX16
030E16
Time measurement, Pulse generation register 7
G1TM7,G1PO7
XX16
030F16
XX16
031016
Pulse generation control register 0
G1POCR0
0X00XX002
031116
Pulse generation control register 1
G1POCR1
0X00XX002
031216
Pulse generation control register 2
G1POCR2
0X00XX002
031316
Pulse generation control register 3
G1POCR3
0X00XX002
031416
Pulse generation control register 4
G1POCR4
0X00XX002
031516
Pulse generation control register 5
G1POCR5
0X00XX002
031616
Pulse generation control register 6
G1POCR6
0X00XX002
031716
Pulse generation control register 7
G1POCR7
0X00XX002
031816
Time measurement control register 0
G1TMCR0
0016
031916
Time measurement control register 1
G1TMCR1
0016
031A16
Time measurement control register 2
G1TMCR2
0016
031B16
Time measurement control register 3
G1TMCR3
0016
031C16
Time measurement control register 4
G1TMCR4
0016
031D16
Time measurement control register 5
G1TMCR5
0016
031E16
Time measurement control register 6
G1TMCR6
0016
031F16
Time measurement control register 7
G1TMCR7
0016
032016
Base timer register
G1BT
XX16
032116
XX16
032216
Base timer control register 0
G1BCR0
0016
032316
Base timer control register 1
G1BCR1
0016
032416
Time measurement prescale register 6
G1TPR6
0016
032516
Time measurement prescale register 7
G1TPR7
0016
032616
Function enable register
G1FE
0016
032716
Function select register
G1FS
0016
032816
Base timer reset register
G1BTRR
XX16
032916
XX16
032A16
Count source division register
G1DV
0016
032B16
032C16
032D16
032E16
032F16
033016
Interrupt request register
G1IR
XX16
033116
Interrupt enable register 0
G1IE0
0016
033216
Interrupt enable register 1
G1IE1
0016
033316
033416
033516
033616
033716
033816
033916
033A16
033B16
033C16
033D16
033E16
NMI digital debounce register
NDDR
FF16
033F16
Port P17 digital debounce register
P17DDR
FF16
Note 1: The blank areas are reserved and cannot be used by users.
X : Undefined
Table 4.8 SFR Information (8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com