Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 52Page - Renesas Technology Corp M16C/29 Datasheet HTML 53Page - Renesas Technology Corp M16C/29 Datasheet HTML 54Page - Renesas Technology Corp M16C/29 Datasheet HTML 55Page - Renesas Technology Corp M16C/29 Datasheet HTML 56Page - Renesas Technology Corp M16C/29 Datasheet HTML 57Page - Renesas Technology Corp M16C/29 Datasheet HTML 58Page - Renesas Technology Corp M16C/29 Datasheet HTML 59Page - Renesas Technology Corp M16C/29 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 499 page
background image
4. Special Function Registers (SFRs)
p
u
o
r
G
9
2
/
C
6
1
M
page 32
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Address
Register
Symbol
After reset
034016
034116
034216
Timer A1-1 register
TA11
XX16
034316
XX16
034416
Timer A2-1 register
TA21
XX16
034516
XX16
034616
Timer A4-1 register
TA41
XX16
034716
XX16
034816
Three phase PWM control register 0
INVC0
0016
034916
Three phase PWM control register 1
INVC1
0016
034A16
Three phase output buffer register 0
IDB0
0016
034B16
Three phase output buffer register 1
IDB1
0016
034C16
Dead time timer
DTT
XX16
034D16
Timer B2 Interrupt occurrence frequency set counter
ICTB2
XX16
034E16
Position - data - retain function control register
PDRF
XXXX00002
034F16
035016
035116
035216
035316
035416
035516
035616
035716
035816
Port function control register
PFCR
001111112
035916
035A16
035B16
035C16
035D16
035E16
Interrupt cause select register 2(2)
IFSR2A
00XXX0002
035F16
Interrupt cause select register
IFSR
0016
036016
SI/O3 transmit/receive register
S3TRR
XX16
036116
036216
SI/O3 control register
S3C
010000002
036316
SI/O3 bit rate register
S3BRG
XX16
036416
SI/O4 transmit/receive register
S4TRR
XX16
036516
036616
SI/O4 control register
S4C
010000002
036716
SI/O4 bit rate register
S4BRG
XX16
036816
036916
036A16
036B16
036C16
036D16
036E16
036F16
037016
037116
037216
037316
037416
UART2 special mode register 4
U2SMR4
0016
037516
UART2 special mode register 3
U2SMR3
000X0X0X2
037616
UART2 special mode register 2
U2SMR2
X00000002
037716
UART2 special mode register
U2SMR
X00000002
037816
UART2 transmit/receive mode register
U2MR
0016
037916
UART2 bit rate register
U2BRG
XX16
037A16
UART2 transmit buffer register
U2TB
XX16
037B16
XX16
037C16
UART2 transmit/receive control register 0
U2C0
000010002
037D16
UART2 transmit/receive control register 1
U2C1
000000102
037E16
UART2 receive buffer register
U2RB
XX16
037F16
XX16
Note 1: The blank areas are reserved and cannot be used by users.
Note 2: Write 0 to the bit 0 after reset.
X : Undefined
Table 4.9 SFR Information (9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com