Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 64Page - Renesas Technology Corp M16C/29 Datasheet HTML 65Page - Renesas Technology Corp M16C/29 Datasheet HTML 66Page - Renesas Technology Corp M16C/29 Datasheet HTML 67Page - Renesas Technology Corp M16C/29 Datasheet HTML 68Page - Renesas Technology Corp M16C/29 Datasheet HTML 69Page - Renesas Technology Corp M16C/29 Datasheet HTML 70Page - Renesas Technology Corp M16C/29 Datasheet HTML 71Page - Renesas Technology Corp M16C/29 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 499 page
background image
6. Processor Mode
p
u
o
r
G
9
2
/
C
6
1
M
page 44
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Processor Mode Register 1 (1)
Symbol
Address
After Reset
PM1
000516
000010002
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Flash data block access
bit (2)
0: Disabled
1: Enabled (3)
PM10
RW
PM17
Wait bit (5)
0 : No wait state
1 : Wait state (1 wait)
0 : Watchdog timer interrupt
1 : Watchdog timer reset (4)
Watchdog timer function
select bit
PM12
RW
RW
RW
RW
RW
NOTES:
1. Rewrite the PM1 register after the PRC1 bit in the PRCR register is set to 1 (write enable).
2. To access the two 2K-byte data spaces in data block A and data block B, set the PM10 bit to 1. The PM10
bit is not available in mask version.
3. When the FMR01 bit in the FMR0 register is set to 1 (enables CPU rewrite mode), the PM10 bit is
automatically set to 1.
4. Set the PM12 bit to 1 by program. (Writing 0 by program has no effect)
5. When the PM17 bit is set to 1 (wait state), one wait is inserted when accessing the internal RAM or the
internal ROM.
Set to 0
(b1)
Reserved bit
Set to 1
Reserved bit
Set to 0
(b6-b4)
Reserved bit
(b3)
0
1
0
00
6. Processor Mode
The MCU supports single-chip mode only. Figures 6.1 and 6.2 show the associated registers.
Figure 6.1 PM0 Register and PM1 Register
Processor Mode Register 0 (1)
Symbol
Address
After Reset
PM0
000416
0016
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
The MCU is reset when
this bit is set to 1. When read,
its content is 0.
Software reset bit
PM03
RW
RW
RW
NOTES:
1. Set the PM0 register after the PRC1 bit in the PRCR register is set to 1 (write enable).
Set to 0
(b2-b0)
Reserved bit
Set to 0
(b7-b4)
Reserved bit
00 0
0
00 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com