Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 19Page - Renesas Technology Corp M16C/29 Datasheet HTML 20Page - Renesas Technology Corp M16C/29 Datasheet HTML 21Page - Renesas Technology Corp M16C/29 Datasheet HTML 22Page - Renesas Technology Corp M16C/29 Datasheet HTML 23Page - Renesas Technology Corp M16C/29 Datasheet HTML 24Page - Renesas Technology Corp M16C/29 Datasheet HTML 25Page - Renesas Technology Corp M16C/29 Datasheet HTML 26Page - Renesas Technology Corp M16C/29 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 499 page
background image
B-5
Quick Reference to Pages Classified by Address
Note : The blank areas are reserved and cannot be accessed by users.
034016
034116
034216
034316
034416
034516
034616
034716
034816
034916
034A16
034B16
034C16
034D16
034E16
034F16
035016
035116
035216
035316
035416
035516
035616
035716
035816
035916
035A16
035B16
035C16
035D16
035E16
035F16
036016
036116
036216
036316
036416
036516
036616
036716
036816
036916
036A16
036B16
036C16
036D16
036E16
036F16
037016
037116
037216
037316
037416
037516
037616
037716
037816
037916
037A16
037B16
037C16
037D16
037E16
037F16
Timer A1-1 register
TA11
130
Timer A2-1 register
TA21
130
Timer A4-1 register
TA41
130
Three-phase PWM control register 0
INVC0
127
Three-phase PWM control register 1
INVC1
128
Three-phase output buffer register 0
IDB0
129
Three-phase output buffer register 1
IDB1
129
Dead time timer
DTT
129
Timer B2 interrupt occurrence frequency set counter
ICTB2
129
Position-data-retainfunctioncontolregister
PDRF
137
Port function control register
PFCR
139
Interruptrequestcauseselectregister 2
IFSR2A
77
Interrupt request cause select register IFSR
77, 85
SI/O3 transmit/receive register
S3TRR
218
SI/O3 control register
S3C
218
SI/O3 bit rate generator
S3BRG
218
SI/O4 transmit/receive register
S4TRR
218
SI/O4 control register
S4C
218
SI/O4 bit rate generator
S4BRG
218
UART2 special mode register 4
U2SMR4
179
UART2 special mode register 3
U2SMR3
179
UART2 special mode register 2
U2SMR2
178
UART2 special mode register
U2SMR
178
UART2 transmit/receive mode register
U2MR
175
UART2 bit rate generator
U2BRG
174
UART2 transmit buffer register
U2TB
174
UART2 transmit/receive control register 0
U2C0
176
UART2 transmit/receive control register 1
U2C1
177
UART2 receive buffer register
U2RB
174
Address
Register
Symbol
Page
030016
030116
030216
030316
030416
030516
030616
030716
030816
030916
030A16
030B16
030C16
030D16
030E16
030F16
031016
031116
031216
031316
031416
031516
031616
031716
031816
031916
031A16
031B16
031C16
031D16
031E16
031F16
032016
032116
032216
032316
032416
032516
032616
032716
032816
032916
032A16
032B16
032C16
032D16
032E16
032F16
033016
033116
033216
033316
033416
033516
033616
033716
033816
033916
033A16
033B16
033C16
033D16
033E16
033F16
Address
Register
Symbol
Page
TM, WG register 0
G1TM0, G1PO0
146,147
TM, WG register 1
G1TM1, G1PO1
146,147
TM, WG register 2
G1TM2, G1PO2
146,147
TM, WG register 3
G1TM3, G1PO3
146,147
TM, WG register 4
G1TM4, G1PO4
146,147
TM, WG register 5
G1TM5, G1PO5
146,147
TM, WG register 6
G1TM6, G1PO6
146,147
TM, WG register 7
G1TM7, G1PO7
146,147
WG control register 0
G1POCR0
146
WG control register 1
G1POCR1
146
WG control register 2
G1POCR2
146
WG control register 3
G1POCR3
146
WG control register 4
G1POCR4
146
WG control register 5
G1POCR5
146
WG control register 6
G1POCR6
146
WG control register 7
G1POCR7
146
TM control register 0
G1TMCR0
145
TM control register 1
G1TMCR1
145
TM control register 2
G1TMCR2
145
TM control register 3
G1TMCR3
145
TM control register 4
G1TMCR4
145
TM control register 5
G1TMCR5
145
TM control register 6
G1TMCR6
145
TM control register 7
G1TMCR7
145
Base timer register
G1BT
142
Base timer control register 0
G1BCR0
142
Base timer control register 1
G1BCR1
143
TM prescale register 6
G1TPR6
145
TM prescale register 7
G1TPR7
145
Function enable register
G1FE
148
Function select register
G1FS
148
Base timer reset register
G1BTRR
144
Divider register
G1DV
143
Interrupt request register
G1IR
149
Interrupt enable register 0
G1IE0
150
Interrupt enable register 1
G1IE1
150
NMI digital debounce register
NDDR
327
P17 digital debounce register
P17DDR
327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com