Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 28Page - Renesas Technology Corp M16C/29 Datasheet HTML 29Page - Renesas Technology Corp M16C/29 Datasheet HTML 30Page - Renesas Technology Corp M16C/29 Datasheet HTML 31Page - Renesas Technology Corp M16C/29 Datasheet HTML 32Page - Renesas Technology Corp M16C/29 Datasheet HTML 33Page - Renesas Technology Corp M16C/29 Datasheet HTML 34Page - Renesas Technology Corp M16C/29 Datasheet HTML 35Page - Renesas Technology Corp M16C/29 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 499 page
background image
1. Overview
page 8
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 1.3 Type No., Memory Size, and Package
Version
Blank: Normal-version
T: T-version
V: V-version
ROM capacity /RAM capacity:
8: (64 K) bytes/4 K bytes
A: (96 K+4 K) bytes(1)/8 K bytes
C: (128 K+4 K) bytes(1)/12 K bytes
Memory type:
M: Mask ROM version
F: Flash memory version
Type No. M 3 0 2 9 0 F A T H P - U3
M16C/29 Group
M16C Family
Pin count
0: 80-pin package
1: 64-pin package
Product Code
See Tables 1.6 and 1.9 for Normal-ver., Tables 1.7
and 1.10 for T-ver., and Tables 1.8 and 1.11 for V-ver..
Package type:
HP = Package PLQP0080KB-A (80P6Q-A)
Package PLQP0064KB-A (64P6Q-A)
NOTE:
1. "+4 K bytes" is needed only in flash memory version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com