Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 66Page - Renesas Technology Corp M16C/29 Datasheet HTML 67Page - Renesas Technology Corp M16C/29 Datasheet HTML 68Page - Renesas Technology Corp M16C/29 Datasheet HTML 69Page - Renesas Technology Corp M16C/29 Datasheet HTML 70Page - Renesas Technology Corp M16C/29 Datasheet HTML 71Page - Renesas Technology Corp M16C/29 Datasheet HTML 72Page - Renesas Technology Corp M16C/29 Datasheet HTML 73Page - Renesas Technology Corp M16C/29 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 499 page
background image
6. Processor Mode
p
u
o
r
G
9
2
/
C
6
1
M
page 46
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
The internal bus consists of CPU bus, memory bus, and peripheral bus. Bus Interface Unit (BIU) is used to
interfere with CPU, ROM/RAM, and perpheral functions by controling CPU bus, memory bus, and periph-
eral bus. Figure 6.3 shows the block diagram of the internal bus.
CPU
ROM
BIU
I/O
CPU address bus
Memory data bus
DMAC
Memory address bus
Timer
WDT
Serial I/O
ADC
CAN
CRC
Peripheral function
CPU clock
RAM
CPU data bus
.
.
Clock
generation
circuit
Figure 6.3 Bus Block Diagram
Table 6.1 Accessible Area and Bus Cycle
The number of bus cycle varies by the internal bus. Table 6.1 lists the accessible area and bus cycle.
Accessible Area
Bus Cycle
SFR
PM20 bit = 0 (2 waits)
3 CPU clock cycles
PM20 bit = 1 (1 wait)
2 CPU clock cycles
ROM/RAM
PM17 bit = 0 (no wait)
1 CPU clock cycle
PM17 bit = 1 (1 wait)
2 CPU clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com