Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 81Page - Renesas Technology Corp M16C/29 Datasheet HTML 82Page - Renesas Technology Corp M16C/29 Datasheet HTML 83Page - Renesas Technology Corp M16C/29 Datasheet HTML 84Page - Renesas Technology Corp M16C/29 Datasheet HTML 85Page - Renesas Technology Corp M16C/29 Datasheet HTML 86Page - Renesas Technology Corp M16C/29 Datasheet HTML 87Page - Renesas Technology Corp M16C/29 Datasheet HTML 88Page - Renesas Technology Corp M16C/29 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 499 page
background image
7. Clock Generation Circuit
page 61
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
Table 7.6 Interrupts to Exit Wait Mode
Interrupt
CM02 = 0
CM02 = 1
NMI interrupt
Available
Available
Serial I/O interrupt
Available when internal and external
Available when external clock is used
clocks are used
Multi-master I2C interrupt
Available
Do not used
Key input interrupt
Available
Available
A/D conversion interrupt
Available in one-shot or single sweep
Do not use
mode
Timer A interrupt
Available in all modes
Available in event counter mode or when
Timer B interrupt
count source is fC32
Timer S interrupt
Available in all modes
Do not use
_______
INT interrupt
Available
Available
CAN0 wake_up interrupt
Available in CAN sleep mode
Available in CAN sleep mode
7.6.2.3 Pin Status During Wait Mode
Table 7.5
lists pin status during wait mode.
Table 7.5 Pin Status in Wait Mode
Pin
Status
I/O ports
Retains status before wait mode
When fC selected
Does not stop
CLKOUT
When f1, f8, f32 selected
Does not stop when the CM02 bit is set to 0
Retains status before wait mode when the CM02 bit is set to 1
To use peripheral function interrupts to exit wait mode, set the followings before executing the WAIT
instruction.
1. Set the interrupt priority level to the bits ILVL2 to ILVL0 in the interrupt control register of the periph-
eral function interrupts that are used to exit wait mode. Also, set bits ILVL2 to ILVL0 of all peripheral
function interrupts that are not used to exit wait mode to 0002 (interrupt disabled).
2. Set the I flag to 1.
3. Operate the peripheral functions that are used to exit wait mode.
When the peripheral function interrupts are used to exit wait mode, an interrupt routine is executed
after an interrupt request is generated and the CPU is clocked.
The CPU clock used when exiting wait mode by a peripheral function interrupt is the same CPU clock
that is used when executing the WAIT instruction.
7.6.2.4 Exiting Wait Mode
______
The MCU exits from wait mode by a hardware reset, NMI interrupt, or peripheral function interrupt.
______
If wait mode is exited by a hardware reset or NMI interrupt, set the peripheral function interrupt priority
bits ILVL2 to ILVL0 to 0002 (interrupts disabled) before executing the WAIT instruction.
The CM02 bit affects the peripheral function interrupts. If the CM02 bit is 0 (peripheral function clocks
not turned off during wait mode), all peripheral function interrupts can be used to exit wait mode. If the
CM02 bit is 1 (peripheral function clock stops during wait mode), the peripheral functions using the
peripheral function clock stops operating, so that only the peripheral functions clocked by external sig-
nals can be used to exit wait mode.
Table 7.6
lists the interrupts to exit wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com