Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 63Page - Renesas Technology Corp M16C/29 Datasheet HTML 64Page - Renesas Technology Corp M16C/29 Datasheet HTML 65Page - Renesas Technology Corp M16C/29 Datasheet HTML 66Page - Renesas Technology Corp M16C/29 Datasheet HTML 67Page - Renesas Technology Corp M16C/29 Datasheet HTML 68Page - Renesas Technology Corp M16C/29 Datasheet HTML 69Page - Renesas Technology Corp M16C/29 Datasheet HTML 70Page - Renesas Technology Corp M16C/29 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 43
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
5.5.2. Limitations on Stop Mode
When all the conditions below are met, the low voltage detection interrupt is generated and the MCU exits
stop mode as soon as the CM10 bit in the CM1 register is set to 1 (all clocks stopped).
• the VC27 bit in the VCR2 register is set to 1 (low voltage detection circuit enabled)
• the D40 bit in the D4INT register is set to 1 (low voltage detection interrupt enabled)
• the D41 bit in the D4INT register is set to 1 (low voltage detection interrupt is used to exit stop mode)
• the voltage applied to the VCC pin is higher than Vdet4 (the VC13 bit in the VCR1 register is 1)
Set the CM10 bit to 1 when the VC13 bit is set to set to 0 (VCC < Vdet4), if the MCU is configured to enter
stop mode when voltage applied to the VCC pin drops Vdet4 or below and to exit stop mode when the
voltage applied rises to Vdet4 or above.
5.5.3. Limitations on WAIT Instruction
When all the conditions below are met, the low voltage detection interrupt is generated and the MCU exits
wait mode as soon as WAIT instruction is executed.
• the CM02 bit in the CM0 register is set to 1 (stop peripheral function clock)
• the VC27 bit in the VCR2 register is set to 1 (low voltage detection circuit enabled)
• the D40 bit in the D4INT register is set to 1 (low voltage detection interrupt enabled)
• the D41 bit in the D4INT register is set to 1 (low voltage detection interrupt is used to exit wait mode)
• the voltage applied to the VCC pin is higher than Vdet4 (the VC13 bit in the VCR1 register is 1)
Execute the WAIT instruction when the VC13 bit is set to set to 0 (VCC < Vdet4), if the MCU is configured
to enter wait mode when voltage applied to the VCC pin drops Vdet4 or below and to exit wait mode when
the voltage applied rises to Vdet4 or above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com