Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 80Page - Renesas Technology Corp M16C/29 Datasheet HTML 81Page - Renesas Technology Corp M16C/29 Datasheet HTML 82Page - Renesas Technology Corp M16C/29 Datasheet HTML 83Page - Renesas Technology Corp M16C/29 Datasheet HTML 84Page - Renesas Technology Corp M16C/29 Datasheet HTML 85Page - Renesas Technology Corp M16C/29 Datasheet HTML 86Page - Renesas Technology Corp M16C/29 Datasheet HTML 87Page - Renesas Technology Corp M16C/29 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 499 page
background image
7. Clock Generation Circuit
page 60
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
7.6.1.6 On-chip Oscillator Mode
The selected on-chip oscillator clock divided by 1 (undivided), 2, 4, 8 or 16 provides the CPU clock.
The on-chip oscillator clock is also the clock source for the peripheral function clocks. If the sub clock
is on, fC32 can be used as the count source for timers A and B. The on-chip oscillator frequency can be
selected by bits ROCR3 to ROCR0 in the ROCR register. When the operation mode is returned to the
high and medium speed modes, set the CM06 bit to 1 (divided by 8 mode).
7.6.1.7 On-chip Oscillator Low Power Dissipation Mode
The main clock is turned off after being placed in on-chip oscillator mode. The CPU clock can be se-
lected as in the on-chip oscillator mode. The on-chip oscillator clock is the clock source for the periph-
eral function clocks. If the sub clock is on, fC32 can be used as the count source for timers A and B.
Table 7.4 Setting Clock Related Bit and Modes
7.6.2 Wait Mode
In wait mode, the CPU clock is turned off, so are the CPU (because operated by the CPU clock) and the
watchdog timer. However, if the PM22 bit in the PM2 register is 1 (on-chip oscillator clock for the watch-
dog timer count source), the watchdog timer remains active. Because the main clock, sub clock, on-chip
oscillator clock and PLL clock all are on, the peripheral functions using these clocks keep operating.
7.6.2.1 Peripheral Function Clock Stop Function
When the CM02 bit is 1 (peripheral function clocks turned off during wait mode), f1, f2, f8, f32, f1SIO,
f2SIO, f8SIO, f32SIO, and fAD stop running in wait mode to reduce power consumption. However, fC32
remains active.
7.6.2.2 Entering Wait Mode
The MCU enters wait mode by executing the WAIT instruction.
When the CM11 bit is set to 1 (CPU clock source is the PLL clock), be sure to clear the CM11 bit to 0
(CPU clock source is the main clock) before going to wait mode. The power consumption of the chip
can be reduced by clearing the PLC07 bit to 0 (PLL stops).
1(1)
Modes
CM2 Register
CM21
CM1 Register
CM11
CM17, CM16
CM0 Register
CM07
CM06
CM05
CM04
PLL operation mode
01
002
00
High-speed mode
0
0
002
00
0
Medium-
speed
mode
00
012
00
0
00
102
00
0
divided by 2
00
0
1
0
00
112
00
0
Low-speed mode
1
0
1
Low power dissipation mode
11
On-chip
oscillator
mode(3)
1
divided by 4
divided by 8
divided by 16
On-chip oscillator low power
dissipation mode
NOTES:
1. When the CM05 bit is set to 1 (main clock turned off) in low-speed mode, the mode goes to low power
dissipation mode and CM06 bit is set to 1(divided by 8 mode) simultaneously.
2. The divide-by-n value can be selected the same way as in on-chip oscillator mode.
3. On-chip oscillator frequency can be any of those described in the section 7.6.1.6 On-chip Oscillator Mode.
0
0
1012
00
0
1102
00
0
11
0
1112
00
0
1002
00
0
(2)
divided by 2
divided by 4
divided by 8
divided by 16
divided by 1
1(1)
(2)
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com