Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 61Page - Renesas Technology Corp M16C/29 Datasheet HTML 62Page - Renesas Technology Corp M16C/29 Datasheet HTML 63Page - Renesas Technology Corp M16C/29 Datasheet HTML 64Page - Renesas Technology Corp M16C/29 Datasheet HTML 65Page - Renesas Technology Corp M16C/29 Datasheet HTML 66Page - Renesas Technology Corp M16C/29 Datasheet HTML 67Page - Renesas Technology Corp M16C/29 Datasheet HTML 68Page - Renesas Technology Corp M16C/29 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 499 page
background image
5. Resets
p
u
o
r
G
9
2
/
C
6
1
M
page 41
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
5.5.1 Low Voltage Detection Interrupt
If the D40 bit in the D4INT register is set to 1 (low voltge detection interrupt enabled), a low voltage
detection interrupt request is generated when voltage applied to the VCC pin is above or below Vdet4.
The low voltage detection interrupt shares the same interrupt vector with watchdog timer interrupt and
oscillation stop, re-oscillation detection interrupt.
Set the D41 bit in the D4INT register to 1 (enabled) to use the low voltage detection interrupt to exit stop
mode, set the D41 bit in the D4INT register to 1 (enable).
The D42 bit in the D4INT register is set to 1 (above or below Vdet4 detected) as soon as voltage applied
to the VCC pin goes above or below Vdet4 due to the voltage change. When the D42 bit setting changes
0 to 1, a low voltage detection interrupt is generated. Set the D42 bit to 0 (not detected) by program.
However, when the D41 bit is set to 1 and the MCU is in stop mode, a low voltage detection interrupt
request is generated, regardless of the D42 bit setting, if voltage applies to the VCC pin is detected to rise
above or drop below Vdet4. The MCU then exits stop mode.
Table 5.2
shows how a low voltage detection interrupt request is generated.
Bits DF1 and DF0 in the D4INT register determine sampling period that detects voltage applied to the
VCC pin rises above or drops below Vdet4. Table 5.3 shows sampling periods.
Table 5.2 Voltage Detection Interrupt Request Generation Conditions
Table 5.3 Sampling Clock Periods
D41 bit
VC27 bit
Operation Mode
D40 bit
D42 bit
CM02 bit
VC13 bit
Normal
operation
mode(1)
Wait mode
(2)
Stop mode
(2)
NOTES:
1. The status except the wait mode and stop mode is handled as the normal mode. (Refer to 7. Clock generating circuit)
2. Refer to 5.5.2 Limitations on stop mode and 5.5.3 Limitations on wait mode.
3. An interrupt request for voltage reduction is generated a sampling time after the value of the VC13 bit has changed.
Refer to the Figure 5.9 for details.
0 to 1
1
0
1
1
0
1 to 0
0 to 1
1 to 0
0 to 1
0 to 1
0 to 1
0 to 1
1
(3)
– : 0 or 1
(3)
(3)
(3)
CPU
clock
(MHz)
DF1 to DF0=00
(CPU clock divided by 8)
Sampling clock (µs)
16
3.0
6.0
12.0
24.0
DF1 to DF0=01
(CPU clock divided by 16)
DF1 to DF0=10
(CPU clock divided by 32)
DF1 to DF0=11
(CPU clock divided by 64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com