Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 99Page - Renesas Technology Corp M16C/29 Datasheet HTML 100Page - Renesas Technology Corp M16C/29 Datasheet HTML 101Page - Renesas Technology Corp M16C/29 Datasheet HTML 102Page - Renesas Technology Corp M16C/29 Datasheet HTML 103Page - Renesas Technology Corp M16C/29 Datasheet HTML 104Page - Renesas Technology Corp M16C/29 Datasheet HTML 105Page - Renesas Technology Corp M16C/29 Datasheet HTML 106Page - Renesas Technology Corp M16C/29 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 79
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
9.4 Interrupt Sequence
An interrupt sequence (the device behavior from the instant an interrupt is accepted to the instant the
interrupt routine is executed) is described here.
If an interrupt occurs during execution of an instruction, the processor determines its priority when the
execution of the instruction is completed, and transfers control to the interrupt sequence from the next
cycle. If an interrupt occurs during execution of either the SMOVB, SMOVF, SSTR or RMPA instruction,
the processor temporarily suspends the instruction being executed, and transfers control to the interrupt
sequence.
The CPU behavior during the interrupt sequence is described below. Figure 9.5 shows time required for
executing the interrupt sequence.
(1) The CPU gets interrupt information (interrupt number and interrupt request priority level) by reading
the address 0000016. Then it clears the IR bit for the corresponding interrupt to 0 (interrupt not
requested).
(2) The FLG register immediately before entering the interrupt sequence is saved to the CPU’s internal
temporary register(Note).
(3) The I, D and U flags in the FLG register become as follows:
The I flag is cleared to 0 (interrupts disabled).
The D flag is cleared to 0 (single-step interrupt disabled).
The U flag is cleared to 0 (ISP selected).
However, the U flag does not change state if an INT instruction for software interrupt Nos. 32 to 63 is
executed.
(4) The CPU’s internal temporary register(1) is saved to the stack.
(5) The PC is saved to the stack.
(6) The interrupt priority level of the accepted interrupt is set in the IPL.
(7) The start address of the relevant interrupt routine set in the interrupt vector is stored in the PC.
After the interrupt sequence is completed, the processor resumes executing instructions from the start
address of the interrupt routine.
NOTE:
1. This register cannot be used by user.
Figure 9.5 Time Required for Executing Interrupt Sequence
1
2
34
56
78
9
10
1112
13
14
15
1617
18
SP-2
contents
SP-4
contents
vec
contents
vec+2
contents
Interrupt
information
Address
000016
Undefined(1)
SP-2
SP-4
vec
vec+2
PC
CPU clock
Address bus
Data bus
WR(2)
RD
NOTES:
1. The undefined state depends on the instruction queue buffer. A read cycle occurs when the instruction queue
buffer is ready to accept instructions.
2. When the stack is in the internal RAM, the WR signal indicates the write timing by changing high-level to low-level.
Undefined(1)
Undefined(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com