Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 412Page - Renesas Technology Corp M16C/29 Datasheet HTML 413Page - Renesas Technology Corp M16C/29 Datasheet HTML 414Page - Renesas Technology Corp M16C/29 Datasheet HTML 415Page - Renesas Technology Corp M16C/29 Datasheet HTML 416Page - Renesas Technology Corp M16C/29 Datasheet HTML 417Page - Renesas Technology Corp M16C/29 Datasheet HTML 418Page - Renesas Technology Corp M16C/29 Datasheet HTML 419Page - Renesas Technology Corp M16C/29 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 499 page
background image
21. Electrical Characteristics (T-version)
p
u
o
r
G
9
2
/
C
6
1
M
page 392
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
VCC = 5V
Table 21.46 Electrical Characteristics (Note 1)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
V H
O
h
g
i
H
t
u
p
t
u
O
e
g
a
tl
o
V
)
"
H
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
I H
O
A
m
5
-
=
V C
C
-
0
.
2
V C
C
V
V H
O
h
g
i
H
t
u
p
t
u
O
e
g
a
tl
o
V
)
"
H
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
I H
O
0
0
2
-
=
µA
V C
C
-
3
.
0
V C
C
V
V H
O
e
g
a
tl
o
V
)
"
H
"
(
h
g
i
H
t
u
p
t
u
OX T
U
O
r
e
w
o
P
h
g
i
H
I H
O
A
m
1
-
=
V C
C
-
0
.
2
V C
C
V
r
e
w
o
P
w
o
L
I H
O
A
m
5
.
0
-
=
V C
C
-
0
.
2
V C
C
e
g
a
tl
o
V
)
"
H
"
(
h
g
i
H
t
u
p
t
u
OX T
U
O
C
r
e
w
o
P
h
g
i
H
d
e
il
p
p
a
d
a
o
l
o
N5
.
2
V
r
e
w
o
P
w
o
L
d
e
il
p
p
a
d
a
o
l
o
N6
.
1
V L
O
w
o
L
t
u
p
t
u
O
e
g
a
tl
o
V
)
"
L
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
I L
O
A
m
5
=0
.
2V
V L
O
w
o
L
t
u
p
t
u
O
e
g
a
tl
o
V
)
"
L
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
I L
O
0
0
2
=
µA5
4
.
0V
V L
O
e
g
a
tl
o
V
)
"
L
"
(
w
o
L
t
u
p
t
u
OX T
U
O
r
e
w
o
P
h
g
i
H
I L
O
A
m
1
=0
.
2
V
r
e
w
o
P
w
o
L
I L
O
A
m
5
.
0
=0
.
2
e
g
a
tl
o
V
)
"
L
"
(
w
o
L
t
u
p
t
u
OX T
U
O
C
r
e
w
o
P
h
g
i
H
d
e
il
p
p
a
d
a
o
l
o
N0
V
r
e
w
o
P
w
o
L
d
e
il
p
p
a
d
a
o
l
o
N0
V +
T
V
- -T
s
i
s
e
r
e
t
s
y
H
0
A
T
N
I
4
A
T
-
N
I
0
B
T
,
N
I
2
B
T
-
N
I
T
N
I
,
0
T
N
I-
5
D
A
,I
M
N
,
G
R
T
S
T
C
,
0
-
S
T
C 2
K
L
C
,
A
D
S
,
L
C
S
,
0
K
L
C
-
2
2
A
T
,
T
U
O
4
A
T
-
T
U
O
I
K
, 0 I
K
- 3 R
,
0
D
X
-
R 2
D
X
S
,
3
N
I
S
,
4
N
I
2
.
00
.
1V
V +
T
V
- -T
s
i
s
e
r
e
t
s
y
H
T
E
S
E
R
2
.
05
.
2V
V +
T
V
- -T
s
i
s
e
r
e
t
s
y
H
X N
I
2
.
08
.
0
V
I H
I
h
g
i
H
t
u
p
n
I
t
n
e
r
r
u
C
)
"
H
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
X N
I
V
N
C
,
T
E
S
E
R
,
S
S
VI
V
5
=0
.
5
µA
I LI
w
o
L
t
u
p
n
I
t
n
e
r
r
u
C
)
"
L
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
X N
I
V
N
C
,
T
E
S
E
R
,
S
S
VI
V
0
=0
.
5
-
µA
R
P
U
L
L
U
P
p
u
-l
l
u
P
e
c
n
a
t
s
i
s
e
R
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
VI
V
0
=0
30
50
7
1kΩ
f
R N
I
X
e
c
n
a
t
s
i
s
e
R
k
c
a
b
d
e
e
FX N
I
5
.
1MΩ
f
R N
I
C
X
e
c
n
a
t
s
i
s
e
R
k
c
a
b
d
e
e
FX N
I
C
5
1MΩ
V M
A
R
e
g
a
tl
o
V
y
b
d
n
a
t
S
M
A
R
e
d
o
m
p
o
t
s
n
I0
.
2V
:
S
E
T
O
N
o
t
d
e
c
n
e
r
e
f
e
R
.
1V C
C
V
,
V
5
.
5
o
t
2
.
4
=
S
S
.
d
e
if
i
c
e
p
s
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
z
H
M
0
2
=
)
K
L
C
B
(f
,
C
°
5
8
o
t
0
4
-
=
r
p
o
T
t
a
V
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com