Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 473Page - Renesas Technology Corp M16C/29 Datasheet HTML 474Page - Renesas Technology Corp M16C/29 Datasheet HTML 475Page - Renesas Technology Corp M16C/29 Datasheet HTML 476Page - Renesas Technology Corp M16C/29 Datasheet HTML 477Page - Renesas Technology Corp M16C/29 Datasheet HTML 478Page - Renesas Technology Corp M16C/29 Datasheet HTML 479Page - Renesas Technology Corp M16C/29 Datasheet HTML 480Page - Renesas Technology Corp M16C/29 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
Appendix 1. Package Dimensions
page 453
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Appendix 1. Package Dimensions
Terminal cross section
p
2.
1.
*2"
NOTE)
INCLUDE TRIM OFFSET.
F
*1
HD
D
Z
Detail F
L1
L
P-LQFP64-10x10-0.50
0.3g
MASS[Typ.]
64P6Q-A / FP-64K / FP-64KV
PLQP0064KB-A
RENESAS Code
JEITA Package Code
Previous Code
1.0
0.125
0.18
1.25
1.25
0.08
0.20
0.145
0.09
0.20
0.15
Max
Nom
Min
Symbol
Reference
10.1
10.0
9.9
D
10.1
10.0
9.9
E
A
12.2
12.0
11.8
12.0
11.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
8
°
0
°
c
0.5
e
0.08
y
HD
E
A1
p
b1
c1
ZD
ZE
L1
Detail F
L1
L
*1
F
41
0
20
D
HD
2.
1.
DIMENSIONS "*1" AND "*2"
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Previous Code
JEITA Package Code
RENESAS Code
PLQP0080KB-A
80P6Q-A
MASS[Typ.]
0.5g
P-LQFP80-12x12-0.50
1.0
0.125
0.18
1.25
1.25
0.08
0.20
0.145
0.09
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
12.1
12.0
11.9
D
12.1
12.0
11.9
E
1.4
A
14.2
14.0
13.8
14.2
14.0
13.8
1.7
0.2
0.1
0
0.7
0.5
0.3
L
x
10
°
0
°
c
0.5
e
0.08
y
HD
E
A1
p
b1
c1
ZD
ZE
L1
Terminal cross section
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com