Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 44 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
ADT7490
http://onsemi.com
44
Table 20. ADT7490 Registers
Addr
Lock-
able
De-
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Desc
R/W
0x34
R/W
PECI Low
Limit
7
6
5
4
3
2
1
0
0x81
−
0x35
R/W
PECI
High Limit
7
6
5
4
3
2
1
0
0x00
−
0x36
R/W
PECI
Config.
Register 1
RES
RES
RES
RE−
PLACE
DOM0
AVG2
AVG1
AVG0
0x00
Yes
0x38
R/W
Max
PWM1
Duty
Cycle
7
6
5
4
3
2
1
0
0xFF
Yes
0x39
R/W
Max
PWM2
Duty
Cycle
7
6
5
4
3
2
1
0
0xFF
Yes
0x3A
R/W
Max
PWM3
Duty
Cycle
7
6
5
4
3
2
1
0
0xFF
Yes
0x3B
R/W
PECI
TMIN
7
6
5
4
3
2
1
0
0xE0
Yes
0x3C
R/W
PECI
TRANGE/
Enhanced
Acoustics
RANGE
RANGE
RANGE
RANGE
ENP
ACOU
ACOU
ACOU
0xC0
Yes
0x3D
R/W
PECI
TCONTROL
Limit
7
6
5
4
3
2
1
0
0x00
Yes
0x3E
R
Company
ID No.
7
6
5
4
3
2
1
0
0x41
−
0x3F
R
Version
VER3
VER2
VER1
VER0
4−Wire
PECI
REV1
REV0
0x06X
−
0x40
R/W
Config.
Register 1
RES
RES
THERM
in
Manual
PECI
Monitor
Fan
Boost
RDY
LOCK
STRT
0x04
Yes
0x41
R
Interrupt
Status 1
OOL
R2T
LT
R1T
+5VIN
VCC
VCCP
+2.5VIN/
THERM
0x00
−
0x42
R
Interrupt
Status 2
D2
FAULT
D1
FAULT
FAN4/
THERM
FAN3
FAN2
FAN1
OOL
+12VIN
0x00
−
0x43
R
Interrupt
Status 3
OOL
RES
RES
RES
OVT
(THERM
Temp
Limit)
COMM
DATA
PECI0
0x00
−
0x44
R/W
+2.5VIN
Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x45
R/W
+2.5VIN
High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x46
R/W
VCCP
Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x47
R/W
VCCP
High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x48
R/W
VCC
Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x49
R/W
VCC
High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4A
R/W
+5VIN
Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x4B
R/W
+5VIN
High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4C
R/W
+12VIN
Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x4D
R/W
+12VIN
High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4E
R/W
Remote 1
Temp Low
Limit
7
6
5
4
3
2
1
0
0x81
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com