Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 20 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
ADT7490
http://onsemi.com
20
switched between I and N1 x I, giving
DVBE1, and then
between I and N2 x I, giving
DVBE2. The temperature can
then be calculated using the two
DVBE measurements. This
method can also cancel the effect of any series resistance on
the temperature measurement.
The resulting
DVBE waveforms are passed through a
65 kHz low−pass filter to remove noise and then to a
chopper−stabilized amplifier. This amplifies and rectifies
the waveform to produce a dc voltage proportional to
DVBE.
The ADC digitizes this voltage, and a temperature
measurement is produced. To reduce the effects of noise,
digital filtering is performed by averaging the results of 16
measurement cycles.
The results of remote temperature measurements are
stored in 10−bit, twos complement format, as listed in
Table 11. The extra resolution for the temperature
measurements is held in the Extended Resolution Register 2
(0x77). This gives temperature readings with a resolution of
0.25
°C.
Figure 27. Signal Conditioning for Remote Diode Temperature Sensors
D+
VDD
TO ADC
VOUT+
VOUT–
REMOTE
SENSING
TRANSISTOR
D–
I
N1 y I
N2 y I
IBIAS
LPF
fC = 65kHz
Series Resistance Cancellation
Parasitic resistance to the ADT7490 D+ and D− inputs
(seen in series with the remote diode) is caused by a variety
of factors, including PCB track resistance and track length.
This series resistance appears as a temperature offset in the
remote sensor’s temperature measurement. This error
typically causes a 0.5
°C offset per ohm of parasitic
resistance in series with the remote diode.
The ADT7490 automatically cancels out the effect of this
series resistance on the temperature reading, giving a more
accurate result without the need for user characterization of
this resistance. The ADT7490 is designed to automatically
cancel, typically up to 1.5 k
W of resistance. By using an
advanced temperature measurement method, this is
transparent to the user. This feature allows resistances to be
added to the sensor path to produce a filter, allowing the part
to be used in noisy environments.
Noise Filtering
For temperature sensors operating in noisy environments,
previous practice was to place a capacitor across the D+ pin
and the D− pin to help combat the effects of noise. However,
large capacitance affect the accuracy of the temperature
measurement, leading to a recommended maximum
capacitor value of 1000 pF. This capacitor reduces the noise,
but does not eliminate it, which makes using the sensor
difficult in a very noisy environment.
The ADT7490 has a major advantage over other devices
for eliminating the effects of noise on the external sensor.
Using the series resistance cancellation feature, a filter can
be constructed between the external temperature sensor and
the part. The effect of any filter resistance seen in series with
the remote sensor is automatically canceled from the
temperature result.
The construction of a filter allows the ADT7490 and the
remote temperature sensor to operate in noisy environments.
Figure 28 shows a low−pass RC filter with the following
values:
R + 100 W,C + 1nF
(eq. 3)
This filtering reduces both common−mode noise and
differential noise.
Figure 28. Filter Between Remote Sensor and ADT7490
D+
1nF
100Ω
REMOTE
TEMPERATURE
SENSOR
D–
100Ω
Factors Affecting Diode Accuracy
Remote Sensing Diode
The ADT7490 is designed to work with either substrate
transistors built into processors or discrete transistors.
Substrate transistors are generally PNP types with the
collector connected to the substrate. Discrete types can be
either PNP or NPN transistors connected as a diode
(base−shorted to the collector). To reduce the error due to
variations in both substrate and discrete transistors, a
number of factors should be taken into consideration:
• The ideality factor, nf, of the transistor is a measure of
the deviation of the thermal diode from ideal behavior.
The ADT7490 is trimmed for an nf value of 1.008. Use
the following equation to calculate the error introduced
at a temperature T (
°C) when using a transistor whose
nf does not equal 1.008. Refer to the data sheet for the
related CPU to obtain the nf values.
DT + (nf * 1.008) 1.008
273.15 K ) T
(eq. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com