Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
ADT7490
http://onsemi.com
6
PIN ASSIGNMENT
Pin No.
Mnemonic
Type
Description
1
SDA
Digital I/O
SMBus Bidirectional Serial Data. Open drain, requires SMBus pullup.
2
SCL
Digital Input
SMBus Serial Clock Input. Open drain, requires SMBus pullup.
3
GND
Ground
Ground Pin.
4
VCC
Power Supply
3.3 V ± 10%.
5
GPIO1
Digital Input/Output
General−Purpose Open−Drain Digital Input/Output. Frequently used for
switching load line resistors into VR load line circuitry or for switching LEDs
using external FETs.
6
GPIO2
Digital Input/Output
General−Purpose Open−Drain Digital Input/Output. Frequently used for
switching load line resistors into VR load line circuitry or for switching LEDs
using external FETs.
7
PECI
Digital Input/Output
PECI Input to Report CPU Thermal Information. PECI voltage level is
referenced on the VTT input.
8
VTT
Analog Input
Voltage Reference for PECI. This is the supply voltage for the PECI interface
and must be present to measure temperature over the PECI interface. This
voltage is also monitored and presented in Register 0x1E.
9
TACH3
Digital Input
Fan Tachometer Input to Measure Speed of Fan 3 (Open−Drain Digital Input).
10
PWM2/SMBALERT
Digital Output
Pulse−Width Modulated Output to Control Fan 2 Speed. Open drain requires
10 kW typical pullup. Digital Output (Open Drain). This pin can be
reconfigured as an SMBALERT interrupt output to signal out−of−limit
conditions.
11
TACH1
Digital Input
Fan Tachometer Input to Measure Speed Of Fan 1 (Open−Drain Digital Input).
12
TACH2
Digital Input
Fan Tachometer Input To Measure Speed Of Fan 2 (Open−Drain Digital Input).
13
PWM3/
ADDREN
Digital Output
Pulse−Width Modulated Output to Control Fan 3 Speed. Open drain requires
10 kW typical pullup. If pulled low on powerup, the ADT7490 enters address
select mode, and the state of Pin 14 (ADDR SELECT) determines the
ADT7490 slave address.
14
TACH4/THERM/
SMBALERT/
ADDR SELECT
Digital Input/Output
Fan Tachometer Input to Measure Speed of Fan 4 (Open−Drain Digital Input).
May be reconfigured as a bidirectional THERM pin. Can be connected to the
PROCHOT output of the processor, to time and monitor PROCHOT assertions.
Can be used as an output to signal overtemperature conditions or for clock
modulation purposes. Active Low Digital Output. The SMBALERT pin is used to
signal out−of−limit comparisons of temperature, voltage, and fan speed. This is
compatible with SMBus alert. Can also be used at device powerup to assign
SMBus address.
15
D2−
Analog Input
Negative Connection for Remote Temperature Sensor 2.
16
D2+
Analog Input
Positive Connection to Remote Temperature Sensor 2.
17
D1−
Analog Input
Negative Connection for Remote Temperature Sensor 1.
18
D1+
Analog Input
Positive Connection to Remote Temperature Sensor 1.
19
IMON
Analog Input
Monitors Current Output of Analog Devices ADP319x family of VRD10/VRD11
controllers.
20
+5 VIN
Analog Input
Monitors 5.0 V Supply Using Internal Resistor Dividers.
21
+12 VIN
Analog Input
Monitors 12 V Supply Using Internal Resistor Dividers.
22
+2.5 VIN/THERM
Analog Input
Monitors 2.5 V Supply Using Internal Resistor Dividers. Alternatively, this pin
can be reconfigured as a bidirectional THERM pin. Can be connected to the
PROCHOT output of the processor to time and monitor PROCHOT assertions.
Can be used as an output to signal overtemperature conditions or for clock
modulation purposes.
23
VCCP
Analog Input
Monitors CPU VCC Voltage (to maximum of 3.0 V). All voltage inputs can
have their resistor dividers removed allowing for full−scale input of 2.25 V of
the ADC channel.
24
PWM1/XTO
Digital Output
Pulse−Width Modulated Output to Control Fan 1 Speed. Open drain requires
10 kW typical pullup. Also functions as the output for the XNOR tree test
enable mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com