Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
ADT7490
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 5. Local Temperature Sensor Error
Figure 6. Remote 1 Temperature Sensor Error
Figure 7. Remote 2 Temperature Sensor Error
Figure 8. ADT7490 Response to Thermal Shock
Figure 9. Temperature Error vs. Series Resistance
Figure 10. Local Temperature Error vs. Power
Supply Noise Frequency
TEMPERATURE (5C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
DEV 17
DEV 18
DEV 19
DEV 20
DEV 21
DEV 22
DEV 23
DEV 24
DEV 25
DEV 26
DEV 27
DEV 28
DEV 29
DEV 30
DEV 31
DEV 32
MEAN
LOW SPEC
HIGH SPEC
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
–40
–20
0
25
40
60
70
85
100
125
–1.5
–40
–20
0
25
40
60
70
85
100
125
TEMPERATURE (5C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
DEV 17
DEV 18
DEV 19
DEV 20
DEV 21
DEV 22
DEV 23
DEV 24
DEV 25
DEV 26
DEV 27
DEV 28
DEV 29
DEV 30
DEV 31
DEV 32
MEAN
LOW SPEC
HIGH SPEC
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
–40
–20
0
25
40
60
70
85
100
125
TEMPERATURE (5C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
DEV 17
DEV 18
DEV 19
DEV 20
DEV 21
DEV 22
DEV 23
DEV 24
DEV 25
DEV 26
DEV 27
DEV 28
DEV 29
DEV 30
DEV 31
DEV 32
MEAN
LOW SPEC
HIGH SPEC
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
LOCAL
140
0
20
40
60
80
100
120
0
1020
3040
5060
TIME (s)
EXTERNAL 1
EXTERNAL 2
8
–8
SERIES RESISTANCE (Ω)
0
200
400
600
800
1000
1200
1400
1600
DEV 1
DEV 2
DEV 3
6
4
2
0
–6
–4
–2
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
600
POWER SUPPLY NOISE FREQUENCY (MHz)
100mV
250mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com