Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 73 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 73 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
ADT7490
http://onsemi.com
73
Table 85. Register 0x90 — Dynamic TMIN Control Register 3 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
RES
Reserved
Reserved
[5:3]
CYP
R/W
3−Bit PECI Temperature Cycle Value. These three bits define the delay time between making
subsequent TMIN adjustments in the control loop for the PECI temperature channels in terms
of number of monitoring cycles. The system has associated thermal time constants that need
to be found to optimize the response of fans and the control loop.
Bit Code
Decrease Cycle
Increase Cycle
000
001
010
011
100
101
110
111
8 cycles (1 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
2048 cycles (256 sec)
[6]
PHTP
R/W
PHTR1 = 1 copies the PECI0 current reading to the PECI operating point register if THERM
is asserted. The operating point contains the temperature at which THERM is asserted,
allowing the system to run as quietly as possible without affecting system performance.
PHTR1 = 0 ignores any THERM assertions on the THERM pin. The PECI operating point
register reflects its programmed value.
[7]
PECI
R/W
PECI = 1 enables dynamic TMIN control on the PECI temperature channel. The chosen TMIN
value is dynamically adjusted based on the current temperature, operating point, and high
and low limits for this zone.
PECI = 0 disables dynamic TMIN control. The TMIN value chosen is not adjusted and the
channel behaves as described in the Automatic Fan Control Overview section.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.
Table 86. Register 0x94 — PECI0 Temperature Offset (Power−On Default = 0x00)
Bit No.
R/W (Note 1)
Description
[7:0]
R/W
Allows a temperature offset to be automatically applied to the PECI0 channel measurements. The
programmable offset range is from −63°C to +127°C with 1°C resolution.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 87. Register 0x95 — PECI1 Temperature Offset (Power−On Default = 0x00)
Bit No.
R/W (Note 1)
Description
[7:0]
R/W
Allows a temperature offset to be automatically applied to the PECI1 channel measurements. The
programmable offset range is from −63°C to +127°C with 1°C resolution.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 88. Register 0x96 — PECI2 Temperature Offset (Power−On Default = 0x00)
Bit No.
R/W (Note 1)
Description
[7:0]
R/W
Allows a temperature offset to be automatically applied to the PECI2 channel measurements. The
programmable offset range is from −63°C to +127°C with 1°C resolution.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 89. Register 0x97 — PECI3 Temperature Offset (Power−On Default = 0x00)
Bit No.
R/W (Note 1)
Description
[7:0]
R/W
Allows a temperature offset to be automatically applied to the PECI3 channel measurements. The
programmable offset range is from −63°C to +127°C with 1°C resolution.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com