Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 48 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
ADT7490
http://onsemi.com
48
Table 20. ADT7490 Registers
Addr
Lock-
able
De-
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Desc
R/W
0x94
R/W
PECI0
Temp.
Offset
7
6
5
4
3
2
1
0
0x00
Yes
0x95
R/W
PECI1
Temp.
Offset
7
6
5
4
3
2
1
0
0x00
Yes
0x96
R/W
PECI2
Temp.
Offset
7
6
5
4
3
2
1
0
0x00
Yes
0x97
R/W
PECI3
Temp.
Offset
7
6
5
4
3
2
1
0
0x00
Yes
−
0x41
−
−
0x74
OOL
R2T
LT
R1T
+5VIN
VCC
VCCP
+2.5VIN/
THERM
Table 21. Register 0x10 — Configuration Register 6 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[0]
SLOW
Remote 1
R/W
When this bit is set, fan smoothing times are multiplied x4 for Remote 1 temperature channel
(as defined in Register 0x62).
[1]
SLOW
Local
R/W
When this bit is set, fan smoothing times are multiplied x4 for local temperature channel
(as defined in Register 0x63).
[2]
SLOW
Remote 2
R/W
When this bit is set, fan smoothing times are multiplied x4 for Remote 2 temperature channel
(as defined in Register 0x63).
[3]
Res
N/A
Reserved.
[4]
Res
N/A
Reserved.
[5]
Res
N/A
Reserved.
[6]
VCCP Low
R/W
VCCP Low = 1. When the power is supplied from 3.3 V STANDBY and the core voltage
(VCCP) drops below its VCCP low limit value (Register 0x46), the following occurs:
Status Bit 1 in Status Register 1 is set.
SMBALERT is generated, if enabled.
PROCHOT monitoring is disabled.
Everything is re−enabled once VCCP increases above the VCCP low limit.
When VCCP increases above the low limit:
PROCHOT monitoring is enabled.
Fans return to their programmed state after a spin−up cycle.
[7]
ExtraSlow
R/W
When this bit is set, all fan smoothing times are increased by a further 39.2%
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.
Table 22. Register 0x11 — Configuration Register 7 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[0]
THERMHys
R/W
THERM hysteresis is enabled by default. Setting this bit to 1 disables THERM hysteresis.
[1]
FSPD
R/W
When set to 1, this bit runs all fans at maximum speed as programmed in the maximum PWM
duty cycle registers (0x38 to 0x3A). Power−on default = 0. This bit is not locked at any time.
[2]
Vx1
R/W
BIOS should set this bit to 1 when the ADT7490 is configured to measure current from an
Analog Devices ADOPT VRM controller and to measure the CPU core voltage. This bit
allows monitoring software to display CPU watts usage. (Lockable.)
[3]
FSPDIS
R/W
Logic 1 disables fan spin−up for two TACH pulses. Instead, the PWM outputs go high for the
entire fan spin−up timeout selected.
[4]
TODIS
R/W
When this bit is set to 1, the SMBus timeout feature is disabled. In this state, if at any point
during an SMBus transaction involving the ADT7490 activity ceases for more than 35 ms, the
ADT7490 assumes the bus is locked and releases the bus. This allows the ADT7490 to be
used with SMBus controllers that cannot handle SMBus timeouts. (Lockable.)
[7:5]
RES
N/A
Reserved. Do not write to these bits.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com