Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
ADT7490
http://onsemi.com
14
is the dedicated reference voltage for the PECI circuitry. The
IMON input on Pin 19 can be used to monitor the IMON output
of ON Semiconductor’s VR11.1 controllers. IMON is a
voltage representation of the CPU current.
Analog−to−Digital Converter
All analog inputs are multiplexed into the on−chip,
successive approximation, analog−to−digital converter.
This ADC has a resolution of 10 bits. The basic input range
is 0 V to 2.25 V, but the inputs have built−in attenuators to
allow measurement of 2.5 V, 3.3 V, 5.0 V, 12 V, and the
processor core voltage VCCP without any external
components. To allow the tolerance of these supply
voltages, the ADC produces an output of 3/4 full scale
(768 decimal or 0x300 hexadecimal) for the nominal input
voltage, and therefore, has adequate headroom to cope with
overvoltages.
Input Circuitry
The internal structure for the analog inputs is shown in
Figure 24 . The input circuit consists of an input protection
diode, an attenuator, plus a capacitor to form a first−order
low−pass filter that gives input immunity to high frequency
noise.
Voltage Measurement Registers
Register 0x1D, IMON Reading = 0x00 default
Register 0x1E, VTT Reading = 0x00 default
Register 0x20, +2.5 VIN Reading = 0x00 default
Register 0x21, VCCP Reading = 0x00 default
Register 0x22, VCC Reading = 0x00 default
Register 0x23, +5 VIN Reading = 0x00 default
Register 0x24, +12 VIN Reading = 0x00 default
Figure 24. Analog Inputs Structure
VTT
45k
45k
30pF
IMON
45k
94k
30pF
VCCP
17.5k
52.5k
35pF
+2.5VIN
45k
94k
30pF
VCC
68k
71k
30pF
+5VIN
93k
47k
30pF
+12VIN
20k
30pF
MUX
120kW
W
W
W
W
W
W
W
W
W
W
W
W
W
W
Voltage Limit Registers
Associated with each voltage measurement channel is a
high and low limit register. Exceeding the programmed high
or low limit causes the appropriate status bit to be set.
Exceeding either limit can also generate SMBALERT
interrupts.
Register 0x85, IMON Low Limit = 0x00 default
Register 0x87, IMON High Limit = 0xFF default
Register 0x84, VTT Low Limit = 0x00 default
Register 0x86, VTT High Limit = 0xFF default
Register 0x44, +2.5 VIN Low Limit = 0x00 default
Register 0x45, +2.5 VIN High Limit = 0xFF default
Register 0x46, VCCP Low Limit = 0x00 default
Register 0x47, VCCP High Limit = 0xFF default
Register 0x48, VCC Low Limit = 0x00 default
Register 0x49, VCC High Limit = 0xFF default
Register 0x4A, +5 VIN Low Limit = 0x00 default
Register 0x4B, +5 VIN High Limit = 0xFF default
Register 0x4C, +12 VIN Low Limit = 0x00 default
Register 0x4D, +12 VIN High Limit = 0xFF default
When the ADC is running, it samples and converts a
voltage input in 0.7 ms and averages 16 conversions to
reduce noise; a measurement takes nominally 11 ms.
Extended Resolution Registers
Voltage measurements can be made with higher accuracy
using the extended resolution registers (0x1F, 0x76, and
0x77). Whenever the extended resolution registers are read,
the corresponding data in the voltage measurement registers
(0x1D, 0x1E, and 0x20 to 0x24) is locked until their data is
read. That is, if extended resolution is required, the extended
resolution register must be read first, immediately followed
by the appropriate voltage measurement register.
Additional ADC Functions for Voltage Measurements
A number of other functions are available on the
ADT7490 to offer the system designer increased flexibility.
The functions described in the following sections are
enabled by setting the appropriate bit in Configuration
Register 2.
Configuration Register 2 (Register 0x73)
Bit 4 (AVG) = 1, averaging off.
Bit 5 (ATTN) = 1, bypass input attenuators.
Bit 6 (CONV) = 1, single−channel convert mode.
Turn−Off Averaging
For each voltage/temperature measurement read from a
value register, 16 readings have actually been made
internally and the results averaged before being placed into
the value register. When faster conversions are needed,
setting Bit 4 (AVG) of Configuration Register 2 (0x73) turns
averaging off. This effectively gives a reading that is
16 times faster, but the reading can be noisier. The default
round−robin cycle time takes 146.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com