Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 39 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
ADT7490
http://onsemi.com
39
Actual Changes in PWM Output
(Advanced Acoustics Settings)
While the automatic fan control algorithm describes the
general response of the PWM output, it is also necessary to
note that the enhanced acoustics registers (0x62, 0x63, and
0x3C) can be used to set/clamp the maximum rate of change
of PWM output for a given temperature zone. This means that
if TRANGE is programmed with an AFC slope that is quite
steep, a relatively small change in temperature could cause a
large change in PWM output and possibly an audible change
in fan speed, which can be noticeable/annoying to end users.
Decreasing the speed of the PWM output changes by
programming the smoothing on the appropriate temperature
channels (Register 0x62 and Register 0x63) changes how
fast the fan speed increases/decreases in the event of a
temperature spike. Slowly the PWM duty cycle increases
until the PWM duty cycle reaches the appropriate duty cycle
as defined by the AFC curve.
Figure 57 shows PWM duty cycle vs. temperature for each
TRANGE setting. Figure 57B shows how each TRANGE
setting affects fan speed vs. temperature. As can be seen
from the graph, the effect on fan speed is nonlinear.
Figure 57. TRANGE vs. Actual Fan Speed
(Not PWM Drive) Profile
TEMPERATURE ABOVE TMIN
0
20406080
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
(B)
(A)
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
The graphs in Figure 57 assume the fan starts from 0%
PWM duty cycle. Clearly, the minimum PWM duty cycle,
PWMMIN, needs to be factored in to see how the loop
actually performs in the system. Figure 58 shows how
TRANGE is affected when the PWMMIN value is set to 20%.
It can be seen that the fan actually runs at about 45% fan
speed when the temperature exceeds TMIN.
Figure 58. TRANGE and % Fan Speed Slopes with
PWMMIN = 20%
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
(A)
(B)
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
Step 7: TTHERM for Temperature Channels
TTHERM is the absolute maximum temperature allowed
on a temperature channel. For PECI temperature channels,
the equivalent parameter is TCONTROL. Above this
temperature, a component such as the CPU or VRM may be
operating beyond its safe operating limit. When the
temperature measured exceeds TTHERM, all fans are driven
at 100% PWM duty cycle (full speed) to provide critical
system cooling.
The fans remain running at 100% until the temperature
drops below TTHERM minus hysteresis, where hysteresis is
the number programmed into the hysteresis registers (0x6D
and 0x6E). The default hysteresis value is 4
°C.
The TTHERM limit should be considered the maximum
worst−case operating temperature of the system. Because



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com